Electronic Components Datasheet Search
  English  ▼

X  

AS8F128K32 Datasheet(PDF) 18 Page - Micross Components

Part # AS8F128K32
Description  Supports Full Chip Erase
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F128K32 Datasheet(HTML) 18 Page - Micross Components

Back Button AS8F128K32 Datasheet HTML 14Page - Micross Components AS8F128K32 Datasheet HTML 15Page - Micross Components AS8F128K32 Datasheet HTML 16Page - Micross Components AS8F128K32 Datasheet HTML 17Page - Micross Components AS8F128K32 Datasheet HTML 18Page - Micross Components AS8F128K32 Datasheet HTML 19Page - Micross Components AS8F128K32 Datasheet HTML 20Page - Micross Components AS8F128K32 Datasheet HTML 21Page - Micross Components AS8F128K32 Datasheet HTML 22Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
FLASH
AS8F128K32
AS8F128K32
Rev. 2.8 01/10
Micross Components reserves the right to change products or specifications without notice.
18
CAPACITANCE
PARAMETER
SYMBOL CONDITIONS
MAX
UNIT
A0 - A16 Capacitance
CIN
VIN = 0
50
pF
CSx\ & WEx\ Capacitance
COUT
VOUT = 0
20
pF
I/O0 - I/O31 Capacitance
CIN2
VIN = 0
20
pF
NOTES:
1. Sampled, not 100% tested.
2. Test conditions T
A = 25° C, f = 1.0 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com