Electronic Components Datasheet Search
  English  ▼

X  

AS58LC1001 Datasheet(PDF) 5 Page - Micross Components

Part # AS58LC1001
Description  Software Data protection Algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS58LC1001 Datasheet(HTML) 5 Page - Micross Components

  AS58LC1001 Datasheet HTML 1Page - Micross Components AS58LC1001 Datasheet HTML 2Page - Micross Components AS58LC1001 Datasheet HTML 3Page - Micross Components AS58LC1001 Datasheet HTML 4Page - Micross Components AS58LC1001 Datasheet HTML 5Page - Micross Components AS58LC1001 Datasheet HTML 6Page - Micross Components AS58LC1001 Datasheet HTML 7Page - Micross Components AS58LC1001 Datasheet HTML 8Page - Micross Components AS58LC1001 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
EEPROM
AS58LC1001
AS58LC1001
Rev. 1.8 11/10
Micross Components reserves the right to change products or specifications without notice.
5
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss................-0.5V to +7.0V1
Voltage on any pin Relative to Vss.......................-0.6V to +7.0V1
Storage Temperature ............................................-65
°C to +150°C
Operating Temperature Range.............................-55oC to +125oC
Soldering Temperature Range...............................................260oC
Maximum Junction Temperature**....................................+150
°C
Power Dissipation...................................................................1.0W
*Stresses greater than those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the de-
vice. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operation section of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A < 125
oC; Vcc = 3.3V +.3V)
PARAMETER
CONDITION
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.2
VCC + 0.3V
V9
Input Low (Logic 0) Voltage
3
VIL
-0.3
0.8
V
2
Input Voltage (RES\ Pin)
VH
Vcc-0.5
VCC +0.3
V
Input Leakage Current
4
OV < VIN < Vcc
ILI
-2
2
4
Input Leakage (RES\ Pin)
RES\ = Vcc = 3.6V
ILI
-50
10
Output Leakage Current
Output(s) disabled, OV < VOUT < Vcc
ILO
-2
2
Output High Voltage
IOH = -400 A
VOH
2.4
V
Output Low Voltage
IOL = 2.1 mA
VOL
0.5
V
CONDITIONS
SYM
-25
-30
-35
UNITS NOTES
IOUT=OmA, Vcc = 3.6V
Cycle=1 S, Duty=100%
888
IOUT=OmA, Vcc = 3.6V
Cycle=MIN, Duty=100%
20
20
20
CE\=Vcc, Vcc = 3.6V
ICC1
100
100
100
A
CE\=VIH, Vcc = 3.6V
ICC2
1.5
1.5
1.5
mA
mA
MAX
PARAMETER
Power Supply Current:
Operating
Power Supply Current:
Standby
ICC3
CAPACITANCE
PARAMETER
CONDITIONS
SYMBOL
MAX
UNITS
NOTES
Input Capacitance
CIN
6pF
Output Capactiance
Co
12
pF
TA = 25
oC, f = 1MHz
VIN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com