Electronic Components Datasheet Search
  English  ▼

X  

AS58LC1001 Datasheet(PDF) 1 Page - Micross Components

Part # AS58LC1001
Description  Software Data protection Algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS58LC1001 Datasheet(HTML) 1 Page - Micross Components

  AS58LC1001 Datasheet HTML 1Page - Micross Components AS58LC1001 Datasheet HTML 2Page - Micross Components AS58LC1001 Datasheet HTML 3Page - Micross Components AS58LC1001 Datasheet HTML 4Page - Micross Components AS58LC1001 Datasheet HTML 5Page - Micross Components AS58LC1001 Datasheet HTML 6Page - Micross Components AS58LC1001 Datasheet HTML 7Page - Micross Components AS58LC1001 Datasheet HTML 8Page - Micross Components AS58LC1001 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
EEPROM
AS58LC1001
AS58LC1001
Rev. 1.8 11/10
Micross Components reserves the right to change products or specifications without notice.
1
For more products and information
please visit our web site at
www.micross.com
128K x 8 EEPROM
Radiation Tolerant
AVAILABLE AS MILITARY
SPECIFICATIONS
MIL-PRF-38535
FEATURES
High speed: 250ns and 300ns
Data Retention: 10 Years
Low power dissipation, active current (20mW/MHz
(TYP)), standby current (100
μW(MAX))
Single +3.3V +.3V power supply
Data Polling and Ready/Busy Signals
Erase/Write Endurance (10,000 cycles in a page mode)
Software Data protection Algorithm
Data Protection Circuitry during power on/off
Hardware Data Protection with RES pin
Automatic Programming:
Automatic Page Write: 15ms (MAX)
128 Byte page size
OPTIONS
MARKINGS
Timing
250ns access
-25
300ns access
-30
Packages
Ceramic Flat Pack
F
No. 306
Radiation Shielded Ceramic FP*
SF
No. 305
Ceramic SOJ
DCJ
No. 508
Operating Temperature Ranges
-Military (-55oC to +125oC)
XT
-Industrial (-40oC to +85oC)
IT
-Full Military Processing (-55oC to +125oC) 883C
*NOTE: Package lid is connected to ground (Vss). 2-sided shielding
provided via a Tungsten lid and a Tungsten slug on the underside of
package. 6.5X typ. TID boost due to shielding. (Geostationary orbit) Proven
typ. total dose 40K to 100K RADS. Contact factory for more information.
Micross can perform TID lot testing.
GENERAL DESCRIPTION
The AS58LC1001 is a 1 Megabit CMOS Electrically Erasable
Programmable Read Only Memory (EEPROM) organized as 131, 072
x 8 bits. The AS58LC1001 is capable or in system electrical Byte and
Page reprogrammability.
The AS58LC1001 achieves high speed access, low power consump-
tion, and a high level of reliability by employing advanced MNOS
memory technology and CMOS process and circuitry technology and
CMOS process and circuitry technology.
This device has a 128-Byte Page Programming function to make
its erase and write operations faster. The AS58LC1001 features Data
Polling and a Ready/Busy signal to indicate completion of erase and
programming operations.
This EEPROM provides several levels of data protection.
Hard-
ware data protection is provided with the RES pin, in addition to noise
protection on the WE signal and write inhibit during power on and
off. Software data protection is implemented using JEDEC Optional
Standard algorithm.
The AS58LC1001 is designed for high reliability in the most
demanding applications. Data retention is specified for 10 years and
erase/write endurance is guaranteed to a minimum of 10,000 cycles
in the Page Mode.
PIN ASSIGNMENT
(Top View)
32-Pin CFP (F & SF), 32-Pin CSOJ (DCJ)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
RDY/BUSY\
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O 0
I/O 1
I/O 2
Vss
Vcc
A15
RES\
WE\
A13
A8
A9
A11
OE\
A10
CE\
I/O 7
I/O 6
I/O 5
I/O 4
I/O 3


Similar Part No. - AS58LC1001

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS58LC1001 AUSTIN-AS58LC1001 Datasheet
283Kb / 21P
128K x 8 EEPROM Radiation Tolerant
AS58LC1001DCJ-25/883C AUSTIN-AS58LC1001DCJ-25/883C Datasheet
283Kb / 21P
128K x 8 EEPROM Radiation Tolerant
AS58LC1001DCJ-25/IT AUSTIN-AS58LC1001DCJ-25/IT Datasheet
283Kb / 21P
128K x 8 EEPROM Radiation Tolerant
AS58LC1001DCJ-25/XT AUSTIN-AS58LC1001DCJ-25/XT Datasheet
283Kb / 21P
128K x 8 EEPROM Radiation Tolerant
AS58LC1001DCJ-35/883C AUSTIN-AS58LC1001DCJ-35/883C Datasheet
283Kb / 21P
128K x 8 EEPROM Radiation Tolerant
More results

Similar Description - AS58LC1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
Jan-1999
M28C256 STMICROELECTRONICS-M28C256 Datasheet
132Kb / 21P
256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Jan-1999
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
Hardware and Software Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
Write Protect Pin for Hardware and Software Data Protection
logo
STMicroelectronics
AN2378 STMICROELECTRONICS-AN2378 Datasheet
239Kb / 13P
Software filter algorithm for open-load
19-Sep-2013
logo
Pyramid Semiconductor C...
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
Access Times of 70, 90 and 120ns Software Data Protection
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
Access Times of 70, 90, and 120ns Software Data Protection
logo
Keysight Technologies
N5461A KEYSIGHT-N5461A Datasheet
1Mb / 10P
Serial Data Equalization Software
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
Software data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com