Electronic Components Datasheet Search
  English  ▼

X  

AS58LC1001 Datasheet(PDF) 6 Page - Micross Components

Part # AS58LC1001
Description  Software Data protection Algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS58LC1001 Datasheet(HTML) 6 Page - Micross Components

Back Button AS58LC1001 Datasheet HTML 2Page - Micross Components AS58LC1001 Datasheet HTML 3Page - Micross Components AS58LC1001 Datasheet HTML 4Page - Micross Components AS58LC1001 Datasheet HTML 5Page - Micross Components AS58LC1001 Datasheet HTML 6Page - Micross Components AS58LC1001 Datasheet HTML 7Page - Micross Components AS58LC1001 Datasheet HTML 8Page - Micross Components AS58LC1001 Datasheet HTML 9Page - Micross Components AS58LC1001 Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
EEPROM
AS58LC1001
AS58LC1001
Rev. 1.8 11/10
Micross Components reserves the right to change products or specifications without notice.
6
AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION
(-55oC < T
C < 125
oC; Vcc = +3.3V +/- 0.3V)
Test Conditions
Input Pulse Levels:
0.0V to 3.0V
Input rise and fall times:
< 20ns
Output Load:
1 TTL Gate +100pF (including scope and jig)
Reference levels for measuring timing:
1.5V, 1.5V
MIN MAX
MIN
MAX
Address Access Time
CE\=OE\=VILWE\=VIH
tACC
---
250
---
300
ns
Chip Enable Access Time
OE\=VILWE\=VIH
tCE
---
250
---
300
ns
Output Enable Acess Time
CE\=VILWE\=VIH
tOE
10
120
10
130
ns
Output Hold to Address Change
CE\=OE\=VILWE\=VIH
tOH
0
---
0
---
ns
CE\=VILWE\=VIH
tDF
0
75
0
75
ns
CE\=OE\=VILWE\=VIH
tDFR
0
350
0
350
ns
RES\ to Output Delay
CE\=OE\=VILWE\=VIH
tRR
0
600
0
600
ns
ITEM DESCRIPTION
Output Disable to High-Z
UNITS
SYMBOL
TEST CONDITION
-30
-25
AC ELECTRICAL CHARACTERISTICS FOR SOFTWARE DATA
PROTECTION CYCLE OPERATION
AC ELECTRICAL CHARACTERISTICS FOR DATA\ POLLING OPERATION
SYMBOL
MIN
MAX
UNITS
tBLC
1.0
30
S
tWC
15
---
mS
Byte Load Cycle Time
Write Cycle Time
PARAMETER
SYMBOL
MIN
MAX
UNITS
tOEH
0
---
ns
tOES
0
---
ns
tDW
250
---
ns
tWC
---
15
ms
PARAMETER
Output Enable Hold Time
Output Enable to Write Setup Time
Write Start Time
Write Cycle Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com