Electronic Components Datasheet Search
  English  ▼

X  

IRGP4263DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4263DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4263DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4263DPBF Datasheet HTML 1Page - International Rectifier IRGP4263DPBF Datasheet HTML 2Page - International Rectifier IRGP4263DPBF Datasheet HTML 3Page - International Rectifier IRGP4263DPBF Datasheet HTML 4Page - International Rectifier IRGP4263DPBF Datasheet HTML 5Page - International Rectifier IRGP4263DPBF Datasheet HTML 6Page - International Rectifier IRGP4263DPBF Datasheet HTML 7Page - International Rectifier IRGP4263DPBF Datasheet HTML 8Page - International Rectifier IRGP4263DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
IRGP4263DPbF/IRGP4263D-EPbF
2
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
August 21, 2014
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
650
—
—
V
VGE = 0V, IC = 100µA 
V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage
—
0.69
—
V/°C VGE = 0V, IC = 3mA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.7
2.1
V
IC = 48A, VGE = 15V, TJ = 25°C
—
2.1
—
IC = 48A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
5.5
—
7.7
V
VCE = VGE, IC = 1.4mA
VGE(th)/TJ
Threshold Voltage Temperature Coeff.
—
-23
—
mV/°C VCE = VGE, IC = 1.4mA (25°C-150°C)
gfe
Forward Transconductance
—
31
—
S
VCE = 50V, IC = 48A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
—
1.0
35
µA
VGE = 0V, VCE = 650V
—
890
—
VGE = 0V, VCE = 650V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
VF  
—
1.9
2.85
V
IF = 48A
—
1.4
—
IF = 48A, TJ = 175°C
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max Units
Conditions
Qg
Total Gate Charge (turn-on)
—
96
145
nC
IC = 48A
Qge
Gate-to-Emitter Charge (turn-on)
—
30
45
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
—
40
60
VCC = 400V
Eon
Turn-On Switching Loss
—
1.7
2.6
mJ   IC = 48A, VCC = 400V, VGE=15V
RG = 10, L = 210µH, TJ = 25°C
Energy losses include tail & diode
reverse recovery 
Eoff
Turn-Off Switching Loss
—
1.0
1.9
Etotal
Total Switching Loss
—
2.7
4.5
td(on)
Turn-On delay time
—
70
90
ns 
tr
Rise time
—
60
80
td(off)
Turn-Off delay time
—
140
160
tf
Fall time
—
30
50
Eon
Turn-On Switching Loss
—
2.9
—
mJ  I
C = 48A, VCC = 400V, VGE=15V
RG = 10, L = 210µH, TJ = 175°C
Energy losses include tail & diode
reverse recovery  
Eoff
Turn-Off Switching Loss
—
1.4
—
Etotal
Total Switching Loss
—
4.3
—
td(on)
Turn-On delay time
—
55
—
ns
tr
Rise time
—
60
—
td(off)
Turn-Off delay time
—
145
—
tf
Fall time
—
65
—
Cies
Input Capacitance
—
2935
—
VGE = 0V
Coes
Output Capacitance
—
235
—
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
—
84
—
f = 1.0MHz
RBSOA
Reverse Bias Safe Operating Area
TJ = 175°C, IC = 144A
FULL SQUARE
VCC = 480V, Vp ≤ 650V
VGE = +20V to 0V
SCSOA  
Short Circuit Safe Operating Area  
5.5 
—  
—  
µs  
TJ = 150°C,VCC = 400V, Vp ≤ 650V
VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
—
370
—
µJ
TJ = 175°C
trr
Diode Reverse Recovery Time
—
170
—
ns
VCC = 400V, IF = 48A
Irr
Peak Reverse Recovery Current
—
25
—
A
VGE = 15V, Rg = 10
Diode Forward Voltage Drop  
Notes:
VCC = 80% (VCES), VGE = 20V.
Ris measured at TJ of approximately 90°C.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
Maximum limits are based on statistical sample size characterization.
Pulse width limited by max. junction temperature.
Values influenced by parasitic L and C in measurement
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com