Electronic Components Datasheet Search
  English  ▼

X  

IRGP4263DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGP4263DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4263DPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGP4263DPBF Datasheet HTML 2Page - International Rectifier IRGP4263DPBF Datasheet HTML 3Page - International Rectifier IRGP4263DPBF Datasheet HTML 4Page - International Rectifier IRGP4263DPBF Datasheet HTML 5Page - International Rectifier IRGP4263DPBF Datasheet HTML 6Page - International Rectifier IRGP4263DPBF Datasheet HTML 7Page - International Rectifier IRGP4263DPBF Datasheet HTML 8Page - International Rectifier IRGP4263DPBF Datasheet HTML 9Page - International Rectifier IRGP4263DPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
 
IRGP4263DPbF/IRGP4263D-EPbF
6
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
August 21, 2014
0
200
400
600
800
1000
diF /dt (A/µs)
1400
1800
2200
2600
3000
22
47
10
100
24A
48A
96A
8
1012
1416
18
VGE (V)
0
4
8
12
16
20
40
80
120
160
200
240
Tsc
Isc
Fig. 21 - Typ. Diode QRR vs. diF/dt
VCC = 400V; VGE = 15V; TJ = 175°C
20
30
40
50
60
70
80
90 100
IF (A)
50
100
150
200
250
300
RG = 22
RG = 47
RG = 100
RG = 10
Fig. 22 - Typ. Diode ERR vs. IF
TJ = 175°C
200
250
300
350
400
450
500
diF /dt (A/µs)
5
10
15
20
25
30
Fig. 20 - Typ. Diode IRR vs. diF/dt
VCC = 400V; VGE = 15V; IF = 48A; TJ = 175°C
Fig. 23 - VGE vs. Short Circuit Time
VCC = 400V; TC = 150°C
20
30
40
50
60
70
80
90 100
IF (A)
5
10
15
20
25
30
RG = 47
RG = 10
RG = 100
RG = 5
Fig. 18 - Typ. Diode IRR vs. IF
TJ = 175°C
0
20
40
60
80
100
RG (
5
10
15
20
25
30
Fig. 19 - Typ. Diode IRR vs. RG
TJ = 175°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com