Electronic Components Datasheet Search
  English  ▼

X  

IRGP4263DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGP4263DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4263DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGP4263DPBF Datasheet HTML 1Page - International Rectifier IRGP4263DPBF Datasheet HTML 2Page - International Rectifier IRGP4263DPBF Datasheet HTML 3Page - International Rectifier IRGP4263DPBF Datasheet HTML 4Page - International Rectifier IRGP4263DPBF Datasheet HTML 5Page - International Rectifier IRGP4263DPBF Datasheet HTML 6Page - International Rectifier IRGP4263DPBF Datasheet HTML 7Page - International Rectifier IRGP4263DPBF Datasheet HTML 8Page - International Rectifier IRGP4263DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 
IRGP4263DPbF
IRGP4263D-EPbF
Base part number
Package Type
Standard Pack
Form
Quantity
IRGP4263DPbF
TO-247AC
Tube
25
IRGP4263DPbF
IRGP4263D-EPbF
TO-247AD
Tube
25
IRGP4263D-EPbF
Orderable Part Number
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
650
V
IC @ TC = 25°C
Continuous Collector Current
90
IC @ TC = 100°C
Continuous Collector Current
60
ICM
Pulse Collector Current, VGE=20V
192
ILM
Clamped Inductive Load Current, VGE=20V 
192
IF @ TC = 25°C
Diode Continuous Forward Current
74
IF @ TC = 100°C
Diode Continuous Forward Current
45
VGE
Continuous Gate-to-Emitter Voltage
±20
V
PD @ TC = 25°C
Maximum Power Dissipation
325
W
PD @ TC = 100°C
Maximum Power Dissipation
160
TJ
Operating Junction and
-40 to +175
C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
A
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RJC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT) 
–––
–––
0.46
°C/W
RCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.24
–––
RJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
40
–––
RJC (Diode) Thermal Resistance Junction-to-Case-(each Diode) 
–––
–––
0.97
VCES = 650V
IC = 60A, TC =100°C
tSC 5.5µs, TJ(max) = 175°C
VCE(ON) typ. = 1.7V @ IC = 48A
Applications
• Industrial Motor Drive
• UPS
• Solar Inverters
• Welding
Features
Benefits
Low VCE(ON) and switching losses
High efficiency in a wide range of applications and
switching frequencies
Square RBSOA and maximum junction temperature 175°C
Positive VCE (ON) temperature coefficient
5.5µs short circuit SOA
Enables short circuit protection scheme
Lead-free, RoHS compliant
Environmentally friendly
Improved reliability due to rugged hard switching
performance and higher power capability
G
C
E
Gate
Collector
Emitter
 
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
 
IRGP4263D‐EPbF 
TO‐247AD 
E
G
n-channel
C
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
August 21, 2014
E
G
C
E
G C
IRGP4263DPbF 
TO‐247AC 


Similar Part No. - IRGP4263DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4263-EPBF IRF-IRGP4263-EPBF Datasheet
870Kb / 11P
Insulated Gate Bipolar Transistor
IRGP4263PBF IRF-IRGP4263PBF Datasheet
870Kb / 11P
Insulated Gate Bipolar Transistor
IRGP4263PBF IRF-IRGP4263PBF Datasheet
903Kb / 11P
Insulated Gate Bipolar Transistor
IRGP4263PBF IRF-IRGP4263PBF_15 Datasheet
903Kb / 11P
Insulated Gate Bipolar Transistor
More results

Similar Description - IRGP4263DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com