Electronic Components Datasheet Search
  English  ▼

X  

UCS1001-4 Datasheet(PDF) 12 Page - Microchip Technology

Part # UCS1001-4
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-4 Datasheet(HTML) 12 Page - Microchip Technology

Back Button UCS1001-4 Datasheet HTML 8Page - Microchip Technology UCS1001-4 Datasheet HTML 9Page - Microchip Technology UCS1001-4 Datasheet HTML 10Page - Microchip Technology UCS1001-4 Datasheet HTML 11Page - Microchip Technology UCS1001-4 Datasheet HTML 12Page - Microchip Technology UCS1001-4 Datasheet HTML 13Page - Microchip Technology UCS1001-4 Datasheet HTML 14Page - Microchip Technology UCS1001-4 Datasheet HTML 15Page - Microchip Technology UCS1001-4 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
12
SMSC UCS1001
DATASHEET
Note 2.1
Total leakage current from pins 3 and 4 (VBUS) to ground must be less than 100 µA for
proper attach / removal detection operation.
Note 2.2
To ensure operation, the PWR_EN pin must be enabled, as determined by the SEL pin
decode, when it is not driven by an external device. Furthermore, one of the M1, M2, or
EM_EN pins must be connected to VDD if all three are not driven from an external device.
If the PWR_EN is disabled or all of the M1, M2, and EM_EN are connected to ground, the
UCS1001 will remain in the Sleep or Detect state indefinitely.
9
VDD
Main power supply input for chip
functionality
Power
n/a
10
PWR_EN
Port power switch enable input. Polarity
determined by SEL pin.
DI
Connect to ground
or VDD (see
Note 2.2)
11
LATCH
Latch / Auto-recovery fault handling
mechanism selection input
DI
n/a
12
S0
Enables Attach / Removal Detection
feature
DI
n/a
13
ALERT#
Active low error event output flag
(requires pull-up resistor)
OD
Connect to ground
14
DPIN
USB data input (plus)
AIO
Connect to ground
or ground through
a resistor
15
DMIN
USB data input (minus)
AIO
Connect to ground
or ground through
a resistor
16
DMOUT
USB data output (minus)
AIO
Connect to ground
17
DPOUT
USB data output (plus)
AIO
Connect to ground
18
(UCS1001-1,
UCS1001-3)
CHRG#
Active low “Charging Active” output flag
(requires pull-up resistor)
OD
Connect to ground
18
(UCS1001-2,
UCS1001-4)
A_DET#
Active low Attach Detection output flag
(requires pull-up resistor)
OD
Connect to ground
19
EM_EN
Active mode selector input
DI
Connect to ground
or VDD (see
Note 2.2)
20
GND
Ground
Power
n/a
Bottom Pad
GND FLAG
Thermal connection to ground plane
Thermal Pad
n/a
Table 2.1 UCS1001 Pin Description (continued)
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
IF PIN NOT USED
CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com