Electronic Components Datasheet Search
  English  ▼

X  

UCS1001-4 Datasheet(PDF) 16 Page - Microchip Technology

Part # UCS1001-4
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-4 Datasheet(HTML) 16 Page - Microchip Technology

Back Button UCS1001-4 Datasheet HTML 12Page - Microchip Technology UCS1001-4 Datasheet HTML 13Page - Microchip Technology UCS1001-4 Datasheet HTML 14Page - Microchip Technology UCS1001-4 Datasheet HTML 15Page - Microchip Technology UCS1001-4 Datasheet HTML 16Page - Microchip Technology UCS1001-4 Datasheet HTML 17Page - Microchip Technology UCS1001-4 Datasheet HTML 18Page - Microchip Technology UCS1001-4 Datasheet HTML 19Page - Microchip Technology UCS1001-4 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
16
SMSC UCS1001
DATASHEET
Switch Leakage Current
IHSW_OFF
±0.5
µA
Switch open - DPIN to DPOUT,
DMIN to DMOUT, or all four
pins to ground. VDD < VS.
Charger Resistance
RCHG
2M
Ω
DPOUT or DMOUT to VBUS or
ground, see Figure 3.2
BC1.2 DCP charger emulation
active
On Resistance
RON_HSW
2
Ω
Switch closed, VDD = 5 V
test current = 8 mA, test
voltage = 0.4 V, see Figure 3.2
On Resistance
RON_HSW_1
5
Ω
Switch closed, VDD = 5 V,
test current = 8 mA, test
voltage = 3.0 V, see Figure 3.2
Delta On Resistance
ΔRON_HSW
±0.3
Ω
Switch closed, VDD = 5 V
ITST = 8 mA, VTST = 0 to 1.5 V,
see Figure 3.2
High-speed Data Switch - AC Parameters
DP, DM Capacitance to
Ground
CHSW_ON
4
pF
Switch closed
VDD = 5 V
DP, DM Capacitance to
Ground
CHSW_OFF
2
pF
Switch open
VDD = 5 V
Turn Off Time
tHSW_OFF
400
µs
Time from state control
(EM_EN, M1, M2) switch on to
switch off, RTERM = 50 Ω,
CLOAD = 5 pF
Turn On Time
tHSW_ON
400
µs
Time from state control
(EM_EN, M1, M2) switch off to
switch on, RTERM = 50 Ω,
CLOAD = 5 pF
Propagation Delay
tPD
0.25
ns
RTERM = 50 Ω, CLOAD = 5 pF
Propagation Delay Skew
ΔtPD
25
ps
RTERM = 50 Ω, CLOAD = 5 pF
Rise/Fall Time
tF/R
10
ns
RTERM = 50 Ω, CLOAD = 5 pF
DP - DM Crosstalk
XTALK
-40
dB
RTERM = 50 Ω, CLOAD = 5 pF
Off Isolation
OIRR
-30
dB
RTERM = 50 Ω, CLOAD = 5 pF
f = 240 MHz
-3dB Bandwidth
BW
1100
MHz
RTERM = 50 Ω, CLOAD = 1.5 pF
VDPOUT = VDMOUT = 350 mV
DC
Table 3.3 Electrical Specifications (continued)
VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V, = -40°C to
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com