Electronic Components Datasheet Search
  English  ▼

X  

UCS1001-4 Datasheet(PDF) 19 Page - Microchip Technology

Part # UCS1001-4
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-4 Datasheet(HTML) 19 Page - Microchip Technology

Back Button UCS1001-4 Datasheet HTML 15Page - Microchip Technology UCS1001-4 Datasheet HTML 16Page - Microchip Technology UCS1001-4 Datasheet HTML 17Page - Microchip Technology UCS1001-4 Datasheet HTML 18Page - Microchip Technology UCS1001-4 Datasheet HTML 19Page - Microchip Technology UCS1001-4 Datasheet HTML 20Page - Microchip Technology UCS1001-4 Datasheet HTML 21Page - Microchip Technology UCS1001-4 Datasheet HTML 22Page - Microchip Technology UCS1001-4 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
19
Revision 1.4 (07-16-13)
DATASHEET
Port Power Switch - AC Parameters
Turn On Delay
tON_PSW
0.75
ms
PWR_EN active toggle to
switch on time, VBUS
discharge not active
Turn Off Time
tOFF_PSW_INA
0.75
ms
PWR_EN inactive toggle to
switch off time
CBUS = 120 μF
Turn Off Time
tOFF_PSW_ERR
1
ms
Over-current Error, VBUS Min
Error, or Discharge Error to
switch off
CBUS = 120 μF
Turn Off Time
tOFF_PSW_ERR
100
ns
TSD or Back-drive Error to
switch off
CBUS = 120 μF
VBUS Output Rise Time
tR_BUS
1.1
ms
Measured from 10% to 90% of
VBUS, CLOAD = 220 μF
ILIM = 1.0 A
Soft Turn on Rate
ΔIBUS / Δt
100
mA /
µs
Temperature Update
Time
tDC_TEMP
200
ms
Short Circuit Response
Time
tSHORT_LIM
1.5
µs
Time from detection of short to
current limit applied.
No CBUS applied
Short Circuit Detection
Time
tSHORT
6
ms
Time from detection of short to
port power switch disconnect
and ALERT# pin assertion.
Latched Mode Cycle
Time
tUL
7
ms
From PWR_EN edge transition
from inactive to active to begin
error recovery
Auto-recovery Mode
Cycle Time
tCYCLE
25
ms
Time delay before error
condition check
Auto-recovery Delay
tRST
20
ms
Portable device attached,
VBUS must be > VTEST after
this time
Discharge Time
tDISCHARGE
200
ms
Amount of time discharge
resistor applied
Table 3.3 Electrical Specifications (continued)
VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V, = -40°C to
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com