Electronic Components Datasheet Search
  English  ▼

X  

HMC136 Datasheet(PDF) 4 Page - Micross Components

Part # HMC136
Description  Direct Modulation in the 4 - 8 GHz Band
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC136 Datasheet(HTML) 4 Page - Micross Components

  HMC136 Datasheet HTML 1Page - Micross Components HMC136 Datasheet HTML 2Page - Micross Components HMC136 Datasheet HTML 3Page - Micross Components HMC136 Datasheet HTML 4Page - Micross Components HMC136 Datasheet HTML 5Page - Micross Components HMC136 Datasheet HTML 6Page - Micross Components HMC136 Datasheet HTML 7Page - Micross Components HMC136 Datasheet HTML 8Page - Micross Components HMC136 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
5
5 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC136
GaAs MMIC BI-PHASE
MODULATOR, 4 - 8 GHz
v03.0909
General Description
Features
Functional Diagram
Chip Integrates Directly into MIC Designs
Carrier Suppression: 30 dB
Direct Modulation in the 4 - 8 GHz Band
Functions also as a Phase Detector
Die Size: 1.40 x 1.40 x 0.1 mm
Electrical Specifications, T
A = +25° C, 5 mA Bias Current
Typical Applications
The HMC136 is suitable for:
• Wireless Local Loop
• LMDS & VSAT
• Point-to-Point Radios
• Test Equipment
The HMC136 Bi-Phase Modulator is designed to
phase-modulate an RF signal into reference and 180
degree states. Device input is at the RF port and out-
put is at the LO port. The polarity of the bias current at
the control port (IF port) defines the phase states.
Excellent amplitude and phase balance provided
by closely matched monolithic balun and diode
circuits delivers 30 dB of carrier suppression in a tiny
monolithic chip.
The device also functions as a demodulator or phase
comparator. As a demodulator, data emerges at the
control port when a modulated signal at the RF port
is compared to a reference signal at the LO port.
As a phase comparator, the phase angle between
two signals applied to the RF and LO ports is
represented by an analog voltage at the control port.
Except for carrier suppression, the data presented
here was measured under static conditions in which
a DC bias current (nominally 5 mA) is applied to the
control port.
Parameter
Min.
Typ.
Max.
Units
Frequency Band
4 - 8
GHz
Insertion Loss
810
dB
Return Loss, RF and LO Ports
2.5
3.0
dB
Amplitude Balance
0.1
0.5
dB
Phase Balance
4.0
6.0
deg
Carrier Supression (When driven with a 1 MHz square wave, 1.4 Vp-p)
25
30
dBc
Input Power for 1 dB Compression
4
8
dBm
Third Order Intercept, Input
10
15
dBm
Second Order Intercept, Input
25
35
dBm
Bias Current (Bias current forward biases internal Schottky diodes providing approximately 0.6 V
at the control port).
25
10
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com