Electronic Components Datasheet Search
  English  ▼

X  

HMC136 Datasheet(PDF) 5 Page - Micross Components

Part # HMC136
Description  Direct Modulation in the 4 - 8 GHz Band
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC136 Datasheet(HTML) 5 Page - Micross Components

  HMC136 Datasheet HTML 1Page - Micross Components HMC136 Datasheet HTML 2Page - Micross Components HMC136 Datasheet HTML 3Page - Micross Components HMC136 Datasheet HTML 4Page - Micross Components HMC136 Datasheet HTML 5Page - Micross Components HMC136 Datasheet HTML 6Page - Micross Components HMC136 Datasheet HTML 7Page - Micross Components HMC136 Datasheet HTML 8Page - Micross Components HMC136 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
5 - 9
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
-20
-15
-10
-5
0
34
5
678
9
FREQUENCY (GHz)
-2
-1
0
1
2
345
67
8
9
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
34
5
6
7
8
9
FREQUENCY (GHz)
0
10
20
30
40
50
4
5
678
CARRIER FREQUENCY (GHz)
-20
-15
-10
-5
0
01
234567
8
9
10
FREQUENCY (GHz)
Return Loss
Insertion Loss
Amplitude Balance
Phase Balance
Carrier Suppression *
* (For 1.4 Vp-p Square Wave Modulation at 1 MHz)
HMC136
v03.0909
GaAs MMIC BI-PHASE
MODULATOR, 4 - 8 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com