Electronic Components Datasheet Search
  English  ▼

X  

HMC232 Datasheet(PDF) 4 Page - Micross Components

Part # HMC232
Description  Assembly Assistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC232 Datasheet(HTML) 4 Page - Micross Components

  HMC232 Datasheet HTML 1Page - Micross Components HMC232 Datasheet HTML 2Page - Micross Components HMC232 Datasheet HTML 3Page - Micross Components HMC232 Datasheet HTML 4Page - Micross Components HMC232 Datasheet HTML 5Page - Micross Components HMC232 Datasheet HTML 6Page - Micross Components HMC232 Datasheet HTML 7Page - Micross Components HMC232 Datasheet HTML 8Page - Micross Components HMC232 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
4 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC232
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 15 GHz
v03.1203
General Description
Features
Functional Diagram
The HMC232 is a broadband non-reflective GaAs
MESFET SPDT MMIC chip. Covering DC to 15 GHz,
the switch features over 55 dB isolation at lower
frequencies and over 45 dB at higher frequencies
due to the implementation of on-chip via hole
structures. The switch operates using two negative
control voltage logic lines (A&B) of -5/0V and requires
no Vee. Alternate A & B control pads are provided to
ease MIC implementation. All data shown is tested
with the chip in a 50 Ohm test fixture connected
via 0.025 mm (1 mil) diameter wire bonds of 0.5 mm
(20 mils) length. This product is a form, fit & functional
replacement for the HMC132.
High Isolation: >50 dB @ 10 GHz
Low Insertion Loss: 1.4 dB @ 6 GHz
Non-Reflective Design
Die Size: 2.05 x 1.04 x 0.1 mm
Direct Replacement for HMC132
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm System
Typical Applications
Broadband switch for DC - 15 GHz applications:
• Fiber Optics
• Microwave Radio
• Military & Space
• Test Equipment
• VSAT
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 6 GHz
DC - 10 GHz
DC - 15 GHz
1.4
2.2
3.1
1.7
2.5
3.4
dB
db
dB
Isolation
DC - 6 GHz
DC - 10 GHz
DC - 15 GHz
50
45
40
55
50
45
dB
dB
dB
Return Loss
“On State”
DC - 6 GHz
DC - 15 GHz
18
12
dB
dB
Return Loss RF1, RF2
“Off State”
DC - 6 GHz
DC - 15 GHz
14
13
dB
dB
Input Power for 1 dB Compression
0.5 - 15 GHz
21
26
dBm
Input Third Order Intercept
(Two-Tone Input Power= +7 dBm Each Tone, 1 MHz Tone Separation)
0.5 - 15 GHz
44
49
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 15 GHz
3
5
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com