Electronic Components Datasheet Search
  English  ▼

X  

HMC232 Datasheet(PDF) 7 Page - Micross Components

Part # HMC232
Description  Assembly Assistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC232 Datasheet(HTML) 7 Page - Micross Components

  HMC232 Datasheet HTML 1Page - Micross Components HMC232 Datasheet HTML 2Page - Micross Components HMC232 Datasheet HTML 3Page - Micross Components HMC232 Datasheet HTML 4Page - Micross Components HMC232 Datasheet HTML 5Page - Micross Components HMC232 Datasheet HTML 6Page - Micross Components HMC232 Datasheet HTML 7Page - Micross Components HMC232 Datasheet HTML 8Page - Micross Components HMC232 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4
4 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
2, 5, 8, 10
A
See truth table and control voltage table.
Alternate A & B control pads provided.
3, 6, 9
B
See truth table and control voltage table.
Alternate A & B control pads provided.
1, 4, 7
RF1, RFC, RF2
This pad is DC coupled and matched to 50 Ohms. Blocking capacitors
are required if the RF line potential is not equal to 0V.
GND
Die bottom must be connected to RF ground.
Pad Descriptions
Suggested Driver Circuit
HMC232
v03.0907
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 15 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com