Electronic Components Datasheet Search
  English  ▼

X  

HMC339 Datasheet(PDF) 4 Page - Micross Components

Part # HMC339
Description  Satellite Communication Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC339 Datasheet(HTML) 4 Page - Micross Components

  HMC339 Datasheet HTML 1Page - Micross Components HMC339 Datasheet HTML 2Page - Micross Components HMC339 Datasheet HTML 3Page - Micross Components HMC339 Datasheet HTML 4Page - Micross Components HMC339 Datasheet HTML 5Page - Micross Components HMC339 Datasheet HTML 6Page - Micross Components HMC339 Datasheet HTML 7Page - Micross Components HMC339 Datasheet HTML 8Page - Micross Components HMC339 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
3 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC339
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 33 - 42 GHz
v02.1007
General Description
Features
Functional Diagram
The HMC339 chip is a sub-harmonically pumped (x2)
MMIC mixer with an integrated LO amplifier which can
be used as an upconverter or downconverter.
The
chip utilizes a GaAs PHEMT technology that results
in a small overall chip area of 1.07mm2. The 2LO to
RF isolation is excellent eliminating the need for addi-
tional filtering. The LO amplifier is a single bias (+3V to
+4V) two stage design with only +2 dBm nominal drive
requirement. All data is measured with the chip in a 50
ohm test fixture connected via 0.025mm (3 mil) ribbon
bonds of minimal length <0.31 mm (<12 mils).
Integrated LO Amplifier: +2 dBm Input
Sub-Harmonically Pumped (x2) LO
High 2LO/RF Isolation: > 37 dB
Die Size: 1.32 x 0.81 x 0.1 mm
Electrical Specifications, T
A = +25° C, As a Function of Vdd
Typical Applications
The HMC339 is ideal for:
• 33 to 42 GHz Microwave Radios
• Up and Down Converter for
Point to Point Radios
• Satellite Communication Systems
*Unless otherwise noted, all measurements performed as downconverter, IF= 1 GHz.
Parameter
IF = 1 GHz
LO = +2 dBm & Vdd = +4V
IF = 1 GHz
LO = +2 dBm & Vdd = +3V
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF
33 - 42
33 - 38
GHz
Frequency Range, LO
16.5 - 21
16.5 - 19
GHz
Frequency Range, IF
DC - 3
DC - 3
GHz
Conversion Loss
10
13
10
12
dB
Noise Figure (SSB)
10
13
10
12
dB
2LO to RF Isolation
27
37
23
37
dB
2LO to IF Isolation
30
40
25
40
dB
IP3 (Input)
5
10
3
8
dBm
1 dB Compression (Input)
-4
0
-5
-1
dBm
Supply Current (Idd)
28
38
25
38
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com