Electronic Components Datasheet Search
  English  ▼

X  

HMC339 Datasheet(PDF) 8 Page - Micross Components

Part # HMC339
Description  Satellite Communication Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC339 Datasheet(HTML) 8 Page - Micross Components

Back Button HMC339 Datasheet HTML 3Page - Micross Components HMC339 Datasheet HTML 4Page - Micross Components HMC339 Datasheet HTML 5Page - Micross Components HMC339 Datasheet HTML 6Page - Micross Components HMC339 Datasheet HTML 7Page - Micross Components HMC339 Datasheet HTML 8Page - Micross Components HMC339 Datasheet HTML 9Page - Micross Components HMC339 Datasheet HTML 10Page - Micross Components HMC339 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3
3 - 54
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
MxN Spurious @ IF Port, Vdd = +4V
IF Bandwidth @ LO = +2 dBm
MxN Spurious @ RF Port, Vdd = +4V
Upconverter Performance
Conversion Gain, LO = +2 dBm, Vdd = +4V
nLO
mRF
±5
±4
±3
±2
±1
0
-2
44
-1
42
53
018
-14
1X
42
13
255
47
RF = 39 GHz @ -10 dBm
LO = 19 GHz @ +2 dBm
All values in dBc below IF power level.
Measured as downconverter
nLO
mIF
±5
±4
±3
±2
±1
0
-2
30
-1
X
36
013
-20
1X
36
3
237
54
IF = 1 GHz @ -10 dBm
LO = 19 GHz @ +2 dBm
All values in dBc below RF power level.
Measured as upconverter
-20
-16
-12
-8
-4
0
26
28
30
32
34
36
38
40
42
Vdd= +4V
Vdd= +3V
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vdd= +3V
Vdd= +4V
FREQUENCY (GHz)
HMC339
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 33 - 42 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com