Electronic Components Datasheet Search
  English  ▼

X  

HMC339 Datasheet(PDF) 7 Page - Micross Components

Part # HMC339
Description  Satellite Communication Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC339 Datasheet(HTML) 7 Page - Micross Components

Back Button HMC339 Datasheet HTML 3Page - Micross Components HMC339 Datasheet HTML 4Page - Micross Components HMC339 Datasheet HTML 5Page - Micross Components HMC339 Datasheet HTML 6Page - Micross Components HMC339 Datasheet HTML 7Page - Micross Components HMC339 Datasheet HTML 8Page - Micross Components HMC339 Datasheet HTML 9Page - Micross Components HMC339 Datasheet HTML 10Page - Micross Components HMC339 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3
3 - 53
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input P1dB vs. Temperature
@ LO = +2 dBm, Vdd = +4V
Input P1dB vs. Temperature
@ LO = +2 dBm, Vdd = +3V
Input IP2 vs. Temperature
@ LO = +2 dBm, Vdd = +4V*
Input IP2 vs. Temperature
@ LO = +2 dBm, Vdd = +3V*
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
RF & LO Return Loss
@ LO = +2 dBm, Vdd = +4V
IF Return Loss
@ LO = +2 dBm, Vdd = +4V
-10
-8
-6
-4
-2
0
2
4
6
8
10
34
35
36
37
38
39
40
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
34
35
36
37
38
39
40
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
01
234
5678
9
10
IF
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
LO
RF
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
33
34
35
36
37
38
39
40
41
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
33
34
35
36
37
38
39
40
41
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
HMC339
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 33 - 42 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com