Electronic Components Datasheet Search
  English  ▼

X  

HMC344 Datasheet(PDF) 4 Page - Micross Components

Part # HMC344
Description  Telecom Infrastructure
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC344 Datasheet(HTML) 4 Page - Micross Components

  HMC344 Datasheet HTML 1Page - Micross Components HMC344 Datasheet HTML 2Page - Micross Components HMC344 Datasheet HTML 3Page - Micross Components HMC344 Datasheet HTML 4Page - Micross Components HMC344 Datasheet HTML 5Page - Micross Components HMC344 Datasheet HTML 6Page - Micross Components HMC344 Datasheet HTML 7Page - Micross Components HMC344 Datasheet HTML 8Page - Micross Components HMC344 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
4 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 6.0 GHz
DC - 8.0 GHz
1.8
1.9
2.1
2.2
dB
dB
Isolation
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
44
37
34
30
49
42
39
35
dB
dB
dB
dB
Return Loss
“On State”
DC - 2.0 GHz
DC - 8.0 GHz
10
7
14
10
dB
dB
Return Loss
“Off State”
DC - 8.0 GHz
7
10
dB
Input Power for 1 dB Compression
0.5 - 8.0 GHz
17
21
dBm
Input Third Order Intercept
(Two-Tone Input Power= +7 dBm Each Tone)
0.5 - 8.0 GHz
37
40
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 8.0 GHz
35
150
ns
ns
HMC344
General Description
Features
Functional Diagram
The HMC344 is a broadband non-reflective GaAs
MESFET SP4T switch chip. Covering DC to 8 GHz,
this switch offers high isolation, low insertion loss,
and a compact form factor. This switch also includes
an on board binary decoder circuit which reduces
the number of required logic control lines to two. The
switch operates using a negative control voltage of
0/-5V, and requires a fixed bias of -5V. All data is tested
with the chip in a 50 Ohm test fixture connected via
0.025 mm (1 mil) diameter wire bonds of minimal length
0.31 mm (12 mils). This SP4T switch is also available
in SMT packaged form as the HMC344LC3.
Broadband Performance: DC - 8 GHz
Non-Reflective Topology
Low Insertion Loss: 1.8 dB @ 6 GHz
Integrated 2:4 TTL Decoder
Small Size: 1.08 x 1.05 x 0.10 mm
Electrical Specifications, T
A = +25° C, With 0/-5V Control, Vee= -5V, 50 Ohm System
Typical Applications
The HMC344 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 8 GHz
v06.0709



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com