Electronic Components Datasheet Search
  English  ▼

X  

HMC344 Datasheet(PDF) 8 Page - Micross Components

Part # HMC344
Description  Telecom Infrastructure
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC344 Datasheet(HTML) 8 Page - Micross Components

  HMC344 Datasheet HTML 1Page - Micross Components HMC344 Datasheet HTML 2Page - Micross Components HMC344 Datasheet HTML 3Page - Micross Components HMC344 Datasheet HTML 4Page - Micross Components HMC344 Datasheet HTML 5Page - Micross Components HMC344 Datasheet HTML 6Page - Micross Components HMC344 Datasheet HTML 7Page - Micross Components HMC344 Datasheet HTML 8Page - Micross Components HMC344 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
4
4 - 24
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
TTL Interface Circuit
Note:
Control inputs A and B can be driven directly with TTL logic with -5 Volts
applied to the HCT logic gates Vee pin and to Vee (pad) of the RF Switch.
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1, 2, 3,
4, 5, 10
RF4, RFC, RF1,
RF2, RF3
These pads are DC coupled and matched to 50 Ohms.
Blocking capacitors are required.
6
A
See truth table and control voltage table.
7
B
See truth table and control voltage table.
8
Vee
Supply Voltage -5.0 Vdc ±10%
9, Die
Bottom
GND
Die bottom and pad must be connected to RF/DC ground.
HMC344
v06.0709
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 8 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com