Electronic Components Datasheet Search
  English  ▼

X  

TPC8402 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8402
Description  TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8402 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8402 Datasheet HTML 1Page - Toshiba Semiconductor TPC8402 Datasheet HTML 2Page - Toshiba Semiconductor TPC8402 Datasheet HTML 3Page - Toshiba Semiconductor TPC8402 Datasheet HTML 4Page - Toshiba Semiconductor TPC8402 Datasheet HTML 5Page - Toshiba Semiconductor TPC8402 Datasheet HTML 6Page - Toshiba Semiconductor TPC8402 Datasheet HTML 7Page - Toshiba Semiconductor TPC8402 Datasheet HTML 8Page - Toshiba Semiconductor TPC8402 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPC8402
2002-05-07
1
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (π−MOS
VI/U−MOSII)
TPC8402
Lithium Ion Secondary Battery Applications
Notebook PCs
Portable Equipment Applications
Low drain−source ON resistance
: P Channel RDS (ON) = 27 mΩ (typ.)
N Channel RDS (ON) = 37 mΩ (typ.)
High forward transfer admittance
: P Channel |Yfs| = 7 S (typ.)
N Channel |Yfs| = 6 S (typ.)
Low leakage current
: P Channel IDSS = −10 µA (VDS = −30 V)
N Channel IDSS = 10 µA (VDS = 30 V)
Enhancement−mode
: P Channel Vth = −0.8~ −2.0 V (VDS = −10 V, ID = −1mA)
N Channel Vth = 0.8~2.0 V (VDS = 10 V, ID = 1mA)
Maximum Ratings (Ta = 25°C)
Rating
Characteristics
Symbol
P Channel N Channel
Unit
Drain-source voltage
VDSS
−30
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
30
V
Gate-source voltage
VGSS
±20
±20
V
DC
(Note 1)
ID
−4.5
5
Drain current
Pulse
(Note 1)
IDP
−18
20
A
Single-device operation
(Note 3a)
PD (1)
1.5
1.5
Drain power
dissipation
(t = 10s)
(Note 2a)
Single-device value at
dual operation (Note 3b)
PD (2)
1.0
1.0
Single-device operation
(Note 3a)
PD (1)
0.75
0.75
Drain power
dissipation
(t = 10s)
(Note 2b)
Single-device value at
dual operation (Note 3b)
PD (2)
0.45
0.45
W
Single pulse avalanche energy
EAS
26.3
(Note 4a)
32.5
(Note 4b)
mJ
Avalanche current
IAR
−4.5
5
A
Repetitive avalanche energy
Single-device value at operation
(Note 2a, Note 3b, Note 5)
EAR
0.10
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For (Note 1), (Note 2a), (Note 2b), (Note 3a), (Note 3b), (Note 4a), (Note 4b) and (Note 5), please refer to the
next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1E
Weight: 0.080 g (typ.)
Circuit Configuration


Similar Part No. - TPC8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
17-May-2002
TPC8403 TOSHIBA-TPC8403 Datasheet
309Kb / 11P
Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8403 TOSHIBA-TPC8403_06 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8405 TOSHIBA-TPC8405 Datasheet
275Kb / 11P
Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
More results

Similar Description - TPC8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
18-Apr-2002
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
17-May-2002
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J334R TOSHIBA-SSM3J334R Datasheet
235Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J328R TOSHIBA-SSM3J328R_14 Datasheet
235Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J501NU TOSHIBA-SSM6J501NU_14 Datasheet
212Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type(U-MOSVI)
SSM3J130TU TOSHIBA-SSM3J130TU_14 Datasheet
210Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J135TU TOSHIBA-SSM3J135TU_14 Datasheet
214Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com