Electronic Components Datasheet Search
  English  ▼

X  

TPC8402 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC8402
Description  TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8402 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8402 Datasheet HTML 1Page - Toshiba Semiconductor TPC8402 Datasheet HTML 2Page - Toshiba Semiconductor TPC8402 Datasheet HTML 3Page - Toshiba Semiconductor TPC8402 Datasheet HTML 4Page - Toshiba Semiconductor TPC8402 Datasheet HTML 5Page - Toshiba Semiconductor TPC8402 Datasheet HTML 6Page - Toshiba Semiconductor TPC8402 Datasheet HTML 7Page - Toshiba Semiconductor TPC8402 Datasheet HTML 8Page - Toshiba Semiconductor TPC8402 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPC8402
2002-05-07
4
N-ch
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
—
—
±10
µA
Drain cut−OFF current
IDSS
VDS = 30 V, VGS = 0 V
―
―
10
µA
Drain−source breakdown
voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
―
―
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
0.8
―
2.0
V
RDS (ON)
VGS = 4 V, ID = 2.5 A
―
58
80
mΩ
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
―
37
50
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
3
6
―
S
Input capacitance
Ciss
―
475
―
Reverse transfer capacitance
Crss
―
85
―
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
―
270
―
pF
Rise time
tr
―
10
―
Turn−ON time
ton
―
16
―
Fall time
tf
―
13
―
Switching time
Turn−OFF time
toff
―
70
―
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
―
16
―
Gate−source charge 1
Qgs1
―
11
―
Gate−drain (“miller”) charge
Qgd
VDD ≈ 24 V, VGS = 10 V, ID = 5 A
―
5
―
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse (Note 1)
IDRP
—
—
—
20
A
Forward voltage (diode)
VDSF
IDR = 6 A, VGS = 0 V
—
—
−1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com