Electronic Components Datasheet Search
  English  ▼

X  

TPC8402 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPC8402
Description  TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8402 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPC8402 Datasheet HTML 1Page - Toshiba Semiconductor TPC8402 Datasheet HTML 2Page - Toshiba Semiconductor TPC8402 Datasheet HTML 3Page - Toshiba Semiconductor TPC8402 Datasheet HTML 4Page - Toshiba Semiconductor TPC8402 Datasheet HTML 5Page - Toshiba Semiconductor TPC8402 Datasheet HTML 6Page - Toshiba Semiconductor TPC8402 Datasheet HTML 7Page - Toshiba Semiconductor TPC8402 Datasheet HTML 8Page - Toshiba Semiconductor TPC8402 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPC8402
2002-05-07
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (1)
83.3
Thermal resistance, channel to ambient
(t = 10s)
(Note 2a) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
125
Single-device operation
(Note 3a)
Rth (ch-a) (1)
167
Thermal resistance, channel to ambient
(t = 10s)
(Note 2b) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
278
°C/W
Marking
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2:
a) Device mounted on a glass-epoxy board (a)
b) Device mounted on a glass-epoxy board (b)
Note 3:
a) The power dissipation and thermal resistance values are shown for a single device
(During single-device operation, power is only applied to one device.)
b) The power dissipation and thermal resistance values are shown for a single device
(During dual operation, power is evenly applied to both devices.)
Note 4:
a) VDD = −24 V, Tch = 25°C (Initial), L = 1.0 mH, RG = 25 Ω, IAR = −4.5 A
b) VDD = 24 V, Tch = 25°C (Initial), L = 1.0 mH, RG = 25 Ω, IAR = 5.0 A
Note 5: Repetitive rating: pulse width limited by maximum channel temperature
Note 6:
• on lower left of the marking indicates Pin 1.
* shows lot number. (year of manufacture: last decimal digit of the year of manufacture, month of
manufacture: January to December are denoted by letters A to L respectively.)
*
Type
TPC8402
FR-4
25.4 × 25.4 × 0.8
(unit: mm)
(a)
FR-4
25.4 × 25.4 × 0.8
(unit: mm)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com