Electronic Components Datasheet Search
  English  ▼

X  

HMC424 Datasheet(PDF) 6 Page - Micross Components

Part # HMC424
Description  Space Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC424 Datasheet(HTML) 6 Page - Micross Components

  HMC424 Datasheet HTML 1Page - Micross Components HMC424 Datasheet HTML 2Page - Micross Components HMC424 Datasheet HTML 3Page - Micross Components HMC424 Datasheet HTML 4Page - Micross Components HMC424 Datasheet HTML 5Page - Micross Components HMC424 Datasheet HTML 6Page - Micross Components HMC424 Datasheet HTML 7Page - Micross Components HMC424 Datasheet HTML 8Page - Micross Components HMC424 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1
1 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Control Voltage
Bias Voltage & Current
Worst Case Step Error
Between Successive Attenuation States
Absolute Maximum Ratings
Control Voltage Input
Attenuation
State
RF1 - RF2
V1
16 dB
V2
8 dB
V3
4 dB
V4
2 dB
V5
1 dB
V6
0.5 dB
Low
Low
Low
Low
Low
Low
Reference
I.L.
Low
Low
Low
Low
Low
High
0.5 dB
Low
Low
Low
Low
High
Low
1 dB
Low
Low
Low
High
Low
Low
2 dB
Low
Low
High
Low
Low
Low
4 dB
Low
High
Low
Low
Low
Low
8 dB
High
Low
Low
Low
Low
Low
16 dB
High
High
High
High
High
High
31.5 dB
Any Combination of the above states will provide
an attenuation approximately equal to the sum of
the bits selected.
State
Bias Condition
Low
0 to -3V @ 35 μA Typ.
High
Vee to Vee +0.8V @ 5 μA Typ.
Vee Range= -5 Vdc ± 10%
Vee
(Vdc)
Iee (Typ.)
(mA)
Iee (Max.)
(mA)
-5
2
5
Control Voltage (V1 to V6)
Vee - 0.5 Vdc
Bias Voltage (Vee)
-7 Vdc
Channel Temperature
150 °C
Thermal Resistance
330 °C/W
Storage Temperature
-65 to + 150 °C
Operating Temperature
-55 to +85 °C
RF Input Power (0.5 - 13 GHz)
+25 dBm
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate
WP-8 (Waffle Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
03
69
12
15
FREQUENCY (GHz)
HMC424
v06.0809
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
ATTENUATOR, DC - 13 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com