Electronic Components Datasheet Search
  English  ▼

X  

HMC424 Datasheet(PDF) 1 Page - Micross Components

Part # HMC424
Description  Space Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC424 Datasheet(HTML) 1 Page - Micross Components

  HMC424 Datasheet HTML 1Page - Micross Components HMC424 Datasheet HTML 2Page - Micross Components HMC424 Datasheet HTML 3Page - Micross Components HMC424 Datasheet HTML 4Page - Micross Components HMC424 Datasheet HTML 5Page - Micross Components HMC424 Datasheet HTML 6Page - Micross Components HMC424 Datasheet HTML 7Page - Micross Components HMC424 Datasheet HTML 8Page - Micross Components HMC424 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC424
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC424

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC424 HITTITE-HMC424 Datasheet
213Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424 HITTITE-HMC424 Datasheet
241Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
logo
Analog Devices
HMC424A AD-HMC424A Datasheet
285Kb / 11P
0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
3/2020-Rev. 01.1115 to Rev. B
HMC424A-SX AD-HMC424A-SX Datasheet
285Kb / 11P
0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
3/2020-Rev. 01.1115 to Rev. B
HMC424ACHIPS AD-HMC424ACHIPS Datasheet
285Kb / 11P
0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
3/2020-Rev. 01.1115 to Rev. B
More results

Similar Description - HMC424

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
Mainstream Solution for Space Critical Applications
logo
Vectron International, ...
5116 VECTRON-5116 Datasheet
172Kb / 3P
Mil/Space Applications
logo
Texas Instruments
TPD8E003 TI1-TPD8E003 Datasheet
834Kb / 15P
8-CHANNEL ESD ARRAY FOR PORTABLE SPACE-SAVING APPLICATIONS
logo
Maxim Integrated Produc...
MAXM17514 MAXIM-MAXM17514 Datasheet
588Kb / 15P
Saves Board Space in Space-Constrained Applications
Rev 1; 4/15
MAXM17543 MAXIM-MAXM17543 Datasheet
829Kb / 18P
Saves Board Space in Space-Constrained Applications
Rev 0; 11/14
logo
Micross Components
HMC425 MICROSS-HMC425 Datasheet
890Kb / 9P
Space Applications
logo
Analog Devices
HMC939A AD-HMC939A Datasheet
502Kb / 6P
Space Applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
Ideal for space limited applications
logo
Shanghai Leiditech Elec...
P800SC LEIDITECH-P800SC Datasheet
354Kb / 4P
For surface mounted applications to optimize board space
logo
Kemet Corporation
T583 KEMET-T583 Datasheet
1Mb / 14P
T583 Polymer Electrolytic for Space Applications
5/31/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com