Electronic Components Datasheet Search
  English  ▼

X  

HMC424 Datasheet(PDF) 7 Page - Micross Components

Part # HMC424
Description  Space Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC424 Datasheet(HTML) 7 Page - Micross Components

  HMC424 Datasheet HTML 1Page - Micross Components HMC424 Datasheet HTML 2Page - Micross Components HMC424 Datasheet HTML 3Page - Micross Components HMC424 Datasheet HTML 4Page - Micross Components HMC424 Datasheet HTML 5Page - Micross Components HMC424 Datasheet HTML 6Page - Micross Components HMC424 Datasheet HTML 7Page - Micross Components HMC424 Datasheet HTML 8Page - Micross Components HMC424 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1
1 - 11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
1. ALL DIMENSIONS ARE IN INCHES (MILLIMETERS).
2. TYPICAL BOND PAD IS .004” SQUARE.
3. TYPICAL BOND PAD SPACING IS .006”
CENTER TO CENTER EXCEPT AS NOTED.
4. BACKSIDE METALIZATION: GOLD
5. BACKSIDE METAL IS GROUND
6. BOND PAD METALIZATION: GOLD
Pad Number
Function
Description
Interface Schematic
GND
Die bottom must be connected to RF ground.
1, 3
RF1, RF2
This pad is DC coupled and matched to 50 Ohm. Blocking
capacitors are required if RF line potential is not equal to 0V.
2
VEE
Supply Voltage -5V ± 10%
4, 5, 6, 7, 8, 9
V1 - V6
See truth table and control voltage table.
Pad Descriptions
HMC424
v06.0809
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
ATTENUATOR, DC - 13 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com