Electronic Components Datasheet Search
  English  ▼

X  

HMC425 Datasheet(PDF) 5 Page - Micross Components

Part # HMC425
Description  Space Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC425 Datasheet(HTML) 5 Page - Micross Components

  HMC425 Datasheet HTML 1Page - Micross Components HMC425 Datasheet HTML 2Page - Micross Components HMC425 Datasheet HTML 3Page - Micross Components HMC425 Datasheet HTML 4Page - Micross Components HMC425 Datasheet HTML 5Page - Micross Components HMC425 Datasheet HTML 6Page - Micross Components HMC425 Datasheet HTML 7Page - Micross Components HMC425 Datasheet HTML 8Page - Micross Components HMC425 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1
1 - 15
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Return Loss RF1, RF2
(Only Major States are Shown)
Insertion Loss
Normalized Attenuation
(Only Major States are Shown)
Bit Error vs. Frequency
(Only Major States are Shown)
Relative Phase vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
-10
-8
-6
-4
-2
0
12
34
567
8
9
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-2
-1
0
1
2
0
4
8
12
16
20
24
28
32
2.4 GHz
3.5 GHz
5.5 GHz
8.0 GHz
ATTENUATION STATE (dB)
-35
-30
-25
-20
-15
-10
-5
0
12
34
567
8
9
10
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
12
34
567
8
9
10
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
-40
-20
0
20
40
60
80
12
34
567
8
9
10
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
-2
-1
0
1
2
12
34
567
8
9
10
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
HMC425
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
v02.0907



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com