Electronic Components Datasheet Search
  English  ▼

X  

HMC425 Datasheet(PDF) 6 Page - Micross Components

Part # HMC425
Description  Space Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC425 Datasheet(HTML) 6 Page - Micross Components

  HMC425 Datasheet HTML 1Page - Micross Components HMC425 Datasheet HTML 2Page - Micross Components HMC425 Datasheet HTML 3Page - Micross Components HMC425 Datasheet HTML 4Page - Micross Components HMC425 Datasheet HTML 5Page - Micross Components HMC425 Datasheet HTML 6Page - Micross Components HMC425 Datasheet HTML 7Page - Micross Components HMC425 Datasheet HTML 8Page - Micross Components HMC425 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1
1 - 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Control Voltage
Bias Voltage & Current
Worst Case Step Error
Between Successive Attenuation States
Absolute Maximum Ratings
Control Voltage Input
Attenuation
State
RF1 - RF2
V1
16 dB
V2
8 dB
V3
4 dB
V4
2 dB
V5
1 dB
V6
0.5 dB
High
High
High
High
High
High
Reference
I.L.
High
High
High
High
High
Low
0.5 dB
High
High
High
High
Low
High
1 dB
High
High
High
Low
High
High
2 dB
High
High
Low
High
High
High
4 dB
High
Low
High
High
High
High
8 dB
Low
High
High
High
High
High
16 dB
Low
Low
Low
Low
Low
Low
31.5 dB
Any Combination of the above states will provide
an attenuation approximately equal to the sum of
the bits selected.
State
Bias Condition
Low
0 to 0.2V @ 10 μA Typ.
High
Vdd ± 0.2V @ 5 μA Typ.
Note: Vdd= +3V to +5V
Vdd Range= +3 to +5 Vdc
Vdd
(Vdc)
Idd (Typ.)
(μA)
+3.0
10
+5.0
30
Control Voltage (V1 to V6)
Vdd +0.5 Vdc
Bias Voltage (Vdd)
+7.0 Vdc
Storage Temperature
-65 to + 150 °C
Operating Temperature
-55 to +85 °C
RF Input Power (2.4 - 8.0 GHz)
+30 dBm
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate
WP-8 (Waffle Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
12
34
567
8
9
10
FREQUENCY (GHz)
HMC425
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
v02.0907



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com