Electronic Components Datasheet Search
  English  ▼

X  

HMC425 Datasheet(PDF) 7 Page - Micross Components

Part # HMC425
Description  Space Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC425 Datasheet(HTML) 7 Page - Micross Components

  HMC425 Datasheet HTML 1Page - Micross Components HMC425 Datasheet HTML 2Page - Micross Components HMC425 Datasheet HTML 3Page - Micross Components HMC425 Datasheet HTML 4Page - Micross Components HMC425 Datasheet HTML 5Page - Micross Components HMC425 Datasheet HTML 6Page - Micross Components HMC425 Datasheet HTML 7Page - Micross Components HMC425 Datasheet HTML 8Page - Micross Components HMC425 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1
1 - 17
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
1. ALL DIMENSIONS ARE IN INCHES (MILLIMETERS).
2. TYPICAL BOND PAD IS .004” SQUARE.
3. TYPICAL BOND PAD SPACING IS .006” CENTER
TO CENTER EXCEPT AS NOTED.
4. BACKSIDE METALIZATION: GOLD
5. BACKSIDE METAL IS GROUND
6. BOND PAD METALIZATION: GOLD
Pad Number
Function
Description
Interface Schematic
GND
Die bottom must be connected to RF ground.
1, 3
RF1, RF2
This pad is DC coupled and matched to 50 Ohm.
Blocking capacitors are required.
2Vdd
Supply Voltage
4, 5, 6, 7, 8, 9
V1 - V6
See truth table and control voltage table.
Pad Descriptions
HMC425
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
v02.0907



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com