Electronic Components Datasheet Search
  English  ▼

X  

HMC441 Datasheet(PDF) 4 Page - Micross Components

Part # HMC441
Description  LO Driver for HMC Mixers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC441 Datasheet(HTML) 4 Page - Micross Components

  HMC441 Datasheet HTML 1Page - Micross Components HMC441 Datasheet HTML 2Page - Micross Components HMC441 Datasheet HTML 3Page - Micross Components HMC441 Datasheet HTML 4Page - Micross Components HMC441 Datasheet HTML 5Page - Micross Components HMC441 Datasheet HTML 6Page - Micross Components HMC441 Datasheet HTML 7Page - Micross Components HMC441 Datasheet HTML 8Page - Micross Components HMC441 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC441
v07.0913
GaAs pHEMT MMIC MEDIUM
POWER AMPLIFIER, 6 - 18 GHz
Functional Diagram
Features
Typical Applications
General Description
The HMC441 is an efficient GaAs PHEMT MMIC
Medium Power Amplifier which operates between 6
and 18 GHz*. The amplifier provides 15.5 dB of gain,
+22 dBm of saturated power, and 23% PAE from a
+5V supply voltage. An optional gate bias is provided
to allow adjustment of gain, RF output power, and DC
power dissipation. The HMC441 amplifier can easily
be integrated into Multi-Chip-Modules (MCMs) due
to its small size. The backside of the die is both RF
and DC ground, simplifying the assembly process
and reducing performance variation. All data is tested
with the chip in a 50 Ohm test fixture connected via
0.025mm (1 mil) diameter wire bonds of minimal
length 0.31mm (12 mils).
Gain: 15.5 dB
Saturated Power: +22 dBm @ 23% PAE
Single Supply Voltage:
+5V w/ Optional Gate Bias
50 Ohm Matched Input/Output
Die Size: 0.94 x 0.94 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd1 = Vdd2 = 5V, Vgg1 = Vgg2 = Open
The HMC441 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radios
• VSAT
• LO Driver for HMC Mixers
• Military EW & ECM
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
7.0 - 8.0
8.0 - 12.5
12.5 - 14.0
14.0 - 15.5
GHz
Gain
13
15.5
14
16.5
13
15.5
12
14.5
dB
Gain Variation Over Temperature
0.015
0.02
0.015
0.02
0.015
0.02
0.015
0.02
dB/ °C
Input Return Loss
10
13
15
14
dB
Output Return Loss
14
17
23
18
dB
Output Power for 1 dB Compression
(P1dB)
15.5
18.5
16
19
17
20
17
20
dBm
Saturated Output Power (Psat)
17
20
18
21
19
22
19
22
dBm
Output Third Order Intercept (IP3)
29
31
32
32
dBm
Noise Figure
5.0
4.5
4.5
4.5
dB
Supply Current (Idd)
90
115
90
115
90
90
115
mA
Vgg1, Vgg2: Optional Gate Bias
*Contact HMC for Electrical Spec Limits for 6-7 & 15.5 - 18 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com