Electronic Components Datasheet Search
  English  ▼

X  

HMC441 Datasheet(PDF) 6 Page - Micross Components

Part # HMC441
Description  LO Driver for HMC Mixers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC441 Datasheet(HTML) 6 Page - Micross Components

Back Button HMC441 Datasheet HTML 2Page - Micross Components HMC441 Datasheet HTML 3Page - Micross Components HMC441 Datasheet HTML 4Page - Micross Components HMC441 Datasheet HTML 5Page - Micross Components HMC441 Datasheet HTML 6Page - Micross Components HMC441 Datasheet HTML 7Page - Micross Components HMC441 Datasheet HTML 8Page - Micross Components HMC441 Datasheet HTML 9Page - Micross Components HMC441 Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC441
v07.0913
GaAs pHEMT MMIC MEDIUM
POWER AMPLIFIER, 6 - 18 GHz
Power Compression @ 11 GHz
Output IP3 vs. Temperature
Noise Figure vs. Temperature
Gain & Power vs. Supply Voltage @ 11 GHz
Reverse Isolation vs. Temperature
Power Compression @ 15 GHz
0
5
10
15
20
25
30
-10
-6
-2
2
6
10
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
0
5
10
15
20
25
30
-10
-6
-2
2
6
10
14
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
16
20
24
28
32
36
6
8
10
12
14
16
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
2
4
6
8
10
6
8
10
12
14
16
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Gain
P1dB
Psat
Vdd (V)
-60
-50
-40
-30
-20
-10
0
6
8
10
12
14
16
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com