Electronic Components Datasheet Search
  English  ▼

X  

HMC448 Datasheet(PDF) 5 Page - Micross Components

Part # HMC448
Description  Test Instrumentation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC448 Datasheet(HTML) 5 Page - Micross Components

  HMC448 Datasheet HTML 1Page - Micross Components HMC448 Datasheet HTML 2Page - Micross Components HMC448 Datasheet HTML 3Page - Micross Components HMC448 Datasheet HTML 4Page - Micross Components HMC448 Datasheet HTML 5Page - Micross Components HMC448 Datasheet HTML 6Page - Micross Components HMC448 Datasheet HTML 7Page - Micross Components HMC448 Datasheet HTML 8Page - Micross Components HMC448 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
2 - 27
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Power vs.
Temperature @ 0 dBm Drive Level
Output Power vs.
Supply Voltage @ 0 dBm Drive Level
Output Power vs. Drive Level
Pin vs. Pout @ 3 Frequencies
Isolation @ 0 dBm Drive Level
0
2
4
6
8
10
12
14
16
18
19
20
21
22
23
24
25
26
+25 C
+85 C
-55 C
OUTPUT FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
10
15
18
19
20
21
22
23
24
25
26
Fo
2Fo
3Fo
OUTPUT FREQUENCY (GHz)
-2
0
2
4
6
8
10
12
14
-6
-4
-2
0
2
4
6
8
Fout=19 GHz
Fout=22 GHz
Fout=25 GHz
INPUT POWER (dBm)
0
2
4
6
8
10
12
14
16
18
19
20
21
22
23
24
25
26
Vdd=4.5V
Vdd=5.0V
Vdd=5.5V
OUTPUT FREQUENCY (GHz)
-10
-6
-2
2
6
10
14
18
18
19
20
21
22
23
24
25
26
-6 dBm
-4 dBm
-2 dBm
0 dBm
+2 dBm
+4 dBm
+6 dBm
OUTPUT FREQUENCY (GHz)
HMC448
v01.1007
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 19 - 25 GHz OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com