Electronic Components Datasheet Search
  English  ▼

X  

HMC448 Datasheet(PDF) 7 Page - Micross Components

Part # HMC448
Description  Test Instrumentation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC448 Datasheet(HTML) 7 Page - Micross Components

  HMC448 Datasheet HTML 1Page - Micross Components HMC448 Datasheet HTML 2Page - Micross Components HMC448 Datasheet HTML 3Page - Micross Components HMC448 Datasheet HTML 4Page - Micross Components HMC448 Datasheet HTML 5Page - Micross Components HMC448 Datasheet HTML 6Page - Micross Components HMC448 Datasheet HTML 7Page - Micross Components HMC448 Datasheet HTML 8Page - Micross Components HMC448 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2
2 - 29
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
RF Input (Vcc= +5V)
+20 dBm
Supply Voltage (Vd1, Vd2)
+6.0 Vdc
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 7.1 mW/°C above 85 °C)
0.64 W
Thermal Resistance
(junction to die bottom)
141.7 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004” SQUARE.
4. TYPICAL BOND SPACING IS .006” CENTER TO CENTER.
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METALIZATION: GOLD
7. BACKSIDE METAL IS GROUND.
8. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS.
Typical Supply Current vs. Vdd
Vdd (V)
Idd (mA)
4.5
47
5.0
48
5.5
49
Note:
Multiplier will operate over full voltage range shown above.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate [2]
GP-2 (Gel Pack)
—
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] Reference this suffix only when ordering alternate die
packaging.
HMC448
v01.1007
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 19 - 25 GHz OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com