Electronic Components Datasheet Search
  English  ▼

X  

HMC464 Datasheet(PDF) 4 Page - Micross Components

Part # HMC464
Description  Test Instrumentation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC464 Datasheet(HTML) 4 Page - Micross Components

  HMC464 Datasheet HTML 1Page - Micross Components HMC464 Datasheet HTML 2Page - Micross Components HMC464 Datasheet HTML 3Page - Micross Components HMC464 Datasheet HTML 4Page - Micross Components HMC464 Datasheet HTML 5Page - Micross Components HMC464 Datasheet HTML 6Page - Micross Components HMC464 Datasheet HTML 7Page - Micross Components HMC464 Datasheet HTML 8Page - Micross Components HMC464 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
3 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC464
GaAs PHEMT MMIC
POWER AMPLIFIER, 2 - 20 GHz
v04.0308
General Description
Features
Functional Diagram
The HMC464 is a GaAs MMIC PHEMT Distributed
Power Amplifier die which operates between 2 and
20 GHz. The amplifier provides 16 dB of gain, +30 dBm
Output IP3 and +26 dBm of output power at 1 dB gain
compression while requiring 290 mA from a +8V sup-
ply. Gain flatness is excellent from 2 - 18 GHz making
the HMC464 ideal for EW, ECM and radar driver
amplifier applications. The HMC464 amplifier I/O’s
are internally matched to 50 Ohms facilitating easy
integration into Multi-Chip-Modules (MCMs). All data
is with the chip in a 50 Ohm test fixture connected
via 0.025mm (1 mil) diameter wire bonds of minimal
length 0.31mm (12 mils).
P1dB Output Power: +26 dBm
Gain: 16 dB
Output IP3: +30 dBm
Supply Voltage: +8.0V @ 290 mA
50 Ohm Matched Input/Output
Die Size: 3.12 x 1.63 x 0.1 mm
Typical Applications
The HMC464 wideband driver is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Fiber Optics
Electrical Specifications, T
A = +25° C, Vdd= 8V, Vgg2= 3V, Idd= 290 mA*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
2.0 - 6.0
6.0 - 18.0
18.0 - 20.0
GHz
Gain
14
16
13
16
11
14
dB
Gain Flatness
±0.25
±0.5
±0.75
dB
Gain Variation Over Temperature
0.02
0.03
0.02
0.03
0.03
0.04
dB/ °C
Input Return Loss
15
17
13
dB
Output Return Loss
14
12
11
dB
Output Power for 1 dB Compression (P1dB)
23.5
26.5
22
26
19
22
dBm
Saturated Output Power (Psat)
28
27.5
24.5
dBm
Output Third Order Intercept (IP3)
32
30
24
dBm
Noise Figure
4.0
4.0
6.0
dB
Supply Current
(Idd) (Vdd= 8V, Vgg1= -0.5V Typ.)
290
290
290
mA
* Adjust Vgg1 between -2 to 0V to achieve Idd= 290 mA typical.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com