Electronic Components Datasheet Search
  English  ▼

X  

HMC464 Datasheet(PDF) 7 Page - Micross Components

Part # HMC464
Description  Test Instrumentation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC464 Datasheet(HTML) 7 Page - Micross Components

  HMC464 Datasheet HTML 1Page - Micross Components HMC464 Datasheet HTML 2Page - Micross Components HMC464 Datasheet HTML 3Page - Micross Components HMC464 Datasheet HTML 4Page - Micross Components HMC464 Datasheet HTML 5Page - Micross Components HMC464 Datasheet HTML 6Page - Micross Components HMC464 Datasheet HTML 7Page - Micross Components HMC464 Datasheet HTML 8Page - Micross Components HMC464 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3
3 - 39
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
NOTES:
1. ALL DIMENSIONS IN INCHES [MILLIMETERS]
2. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS
3. DIE THICKNESS IS 0.004 (0.100)
4. TYPICAL BOND PAD IS 0.004 (0.100) SQUARE
5. BACKSIDE METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. BOND PAD METALIZATION: GOLD
Pad Number
Function
Description
Interface Schematic
1
RFIN
This pad is AC coupled and matched to 50 Ohms.
2Vgg2
Gate Control 2 for amplifier. +3V should be applied to
Vgg2 for nominal operation.
3
RFOUT & Vdd
RF output for amplifier. Connect the DC
bias (Vdd) network to provide drain current (Idd).
See application circuit herein.
4Vgg1
Gate Control 1 for amplifier. Adjust between -2 to 0V
to achieve Idd= 290 mA.
Die
Bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions
HMC464
v04.0308
GaAs PHEMT MMIC
POWER AMPLIFIER, 2 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com