Electronic Components Datasheet Search
  English  ▼

X  

HMC464 Datasheet(PDF) 6 Page - Micross Components

Part # HMC464
Description  Test Instrumentation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC464 Datasheet(HTML) 6 Page - Micross Components

  HMC464 Datasheet HTML 1Page - Micross Components HMC464 Datasheet HTML 2Page - Micross Components HMC464 Datasheet HTML 3Page - Micross Components HMC464 Datasheet HTML 4Page - Micross Components HMC464 Datasheet HTML 5Page - Micross Components HMC464 Datasheet HTML 6Page - Micross Components HMC464 Datasheet HTML 7Page - Micross Components HMC464 Datasheet HTML 8Page - Micross Components HMC464 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3
3 - 38
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output P1dB vs. Temperature
Output Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power & Output IP3
vs. Supply Voltage @ 10 GHz, Fixed Vgg
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+9 Vdc
Gate Bias Voltage (Vgg1)
-2 to 0 Vdc
Gate Bias Voltage (Vgg2)
(Vdd -8) Vdc to Vdd
RF Input Power (RFIN)(Vdd = +8 Vdc)
+20 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 51.5 mW/°C above 85 °C)
4.64 W
Thermal Resistance
(channel to die bottom)
19.4 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Vdd (V)
Idd (mA)
+7.5
292
+8.0
290
+8.5
288
Typical Supply Current vs. Vdd
10
12
14
16
18
20
22
24
26
28
30
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
10
14
18
22
26
30
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
16
20
24
28
32
36
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
32
7.5
8
8.5
Gain
P1dB
Psat
IP3
Vdd SUPPLY VOLTAGE (V)
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate
GP-1 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC464
v04.0308
GaAs PHEMT MMIC
POWER AMPLIFIER, 2 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com