Electronic Components Datasheet Search
  English  ▼

X  

HMC570 Datasheet(PDF) 4 Page - Micross Components

Part # HMC570
Description  Satellite Communications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC570 Datasheet(HTML) 4 Page - Micross Components

  HMC570 Datasheet HTML 1Page - Micross Components HMC570 Datasheet HTML 2Page - Micross Components HMC570 Datasheet HTML 3Page - Micross Components HMC570 Datasheet HTML 4Page - Micross Components HMC570 Datasheet HTML 5Page - Micross Components HMC570 Datasheet HTML 6Page - Micross Components HMC570 Datasheet HTML 7Page - Micross Components HMC570 Datasheet HTML 8Page - Micross Components HMC570 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2
2 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC570
GaAs MMIC I/Q DOWNCONVERTER
17 - 21 GHz
v03.0711
General Description
Features
Typical Applications
The Hmc570 is a compact GaAs mmic i/q
downconverter chip which provides a small signal
conversion gain of 10 dB with a noise figure of 3 dB
and 17 dB of image rejection across the frequency
band. The device utilizes an LNA followed by an image
reject mixer which is driven by an active x2 multiplier.
The image reject mixer eliminates the need for a filter
following the LNA, and removes thermal noise at the
image frequency. i and q mixer outputs are provided
and an external 90° hybrid is needed to select the
required sideband. All data shown below is taken
with the chip mounted in a 50 Ohm test fixture and
includes the effects of 1 mil diameter x 20 mil length
bond wires on each port. This product is a much
smaller alternative to hybrid style image reject mixer
downconverter assemblies.
Electrical Specifications, T
A = +25° C, IF = 100 MHz, LO = +4 dBm, Vdd = 3.5 Vdc*
Parameter
min.
Typ.
max.
min.
Typ.
max.
Units
Frequency range, rF
17.7 - 19.7
17 - 21
GHz
Frequency range, LO
7 - 12
7 - 12
GHz
Frequency range, iF
Dc - 3.5
Dc - 3.5
GHz
conversion Gain (As irm)
9
10
9
12
dB
Noise Figure
3
4
dB
image rejection
14
17
14
22
dB
1 dB compression (input)
-7
-4
-10
-6
dBm
2 LO to rF isolation
35
40
30
35
dB
2 LO to iF isolation
28
30
25
30
dB
iP3 (input)
-5
-2
-6
+3
dBm
Amplitude Balance
0.5
0.5
dB
Phase Balance
12
4
Deg
Total supply current
125
165
125
165
mA
*Data taken as irm with external iF hybrid
Functional Diagram
The Hmc570 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Satellite Communications
10 dB conversion Gain
image rejection: 17 dB
2 LO to rF isolation: 35 dB
Noise Figure: 3 dB
input iP3: +3 dBm
Die size: 2.33 x 2.73 x 0.10 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com