Electronic Components Datasheet Search
  English  ▼

X  

HMC570 Datasheet(PDF) 7 Page - Micross Components

Part # HMC570
Description  Satellite Communications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC570 Datasheet(HTML) 7 Page - Micross Components

Back Button HMC570 Datasheet HTML 3Page - Micross Components HMC570 Datasheet HTML 4Page - Micross Components HMC570 Datasheet HTML 5Page - Micross Components HMC570 Datasheet HTML 6Page - Micross Components HMC570 Datasheet HTML 7Page - Micross Components HMC570 Datasheet HTML 8Page - Micross Components HMC570 Datasheet HTML 9Page - Micross Components HMC570 Datasheet HTML 10Page - Micross Components HMC570 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2
2 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Absolute Maximum Ratings
rF
+2 dBm
LO Drive
+ 13 dBm
vdd
5.5v
channel Temperature
175°c
continuous Pdiss (T=85°c)
(derate 10.2 mW/°C above 85°C)
920 mW
Thermal resistance (r
TH)
(channel to package bottom)
98.3 °C/W
storage Temperature
-65 to +150 °c
Operating Temperature
-55 to +85 °c
esD sensitivity (HBm)
class 1B
eLecTrOsTATic seNsiTive Device
OBserve HANDLiNG PrecAUTiONs
MxN Spurious Outputs
nLO
mrF
0
1
2
3
4
0
xx
26
25
19
27
1
27
26
0
25
38
2
54
74
61
66
43
3
xx
xx
xx
79
76
4
xx
xx
xx
xx
xx
rF = 18 GHz @ -20 dBm
LO = 8.5 GHz @ +4 dBm
Data taken without iF hybrid
All values in dBc below iF power level (1rF -2LO = 1 GHz)
HMC570
v03.0711
GaAs MMIC I/Q DOWNCONVERTER
17 - 21 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com