Electronic Components Datasheet Search
  English  ▼

X  

HMC570 Datasheet(PDF) 8 Page - Micross Components

Part # HMC570
Description  Satellite Communications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC570 Datasheet(HTML) 8 Page - Micross Components

Back Button HMC570 Datasheet HTML 3Page - Micross Components HMC570 Datasheet HTML 4Page - Micross Components HMC570 Datasheet HTML 5Page - Micross Components HMC570 Datasheet HTML 6Page - Micross Components HMC570 Datasheet HTML 7Page - Micross Components HMC570 Datasheet HTML 8Page - Micross Components HMC570 Datasheet HTML 9Page - Micross Components HMC570 Datasheet HTML 10Page - Micross Components HMC570 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2
2 - 5
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Outline Drawing
NOTes:
1. ALL DimeNsiONs Are iN iNcHes [mm]
2. Die THicKNess is 0.004”
3. BOND PAD meTALiZATiON: GOLD
4. BAcKsiDe meTALiZATiON: GOLD
5. BAcKsiDe meTAL is GrOUND
6. OverALL Die siZe ±0.002
Die Packaging Information [1]
standard
Alternate
GP-1 (Gel Pack)
[2]
[1] refer to the “Packaging information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
microwave corporation.
HMC570
v03.0711
GaAs MMIC I/Q DOWNCONVERTER
17 - 21 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com