Electronic Components Datasheet Search
  English  ▼

X  

MCP79401 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP79401
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79401 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP79401 Datasheet HTML 21Page - Microchip Technology MCP79401 Datasheet HTML 22Page - Microchip Technology MCP79401 Datasheet HTML 23Page - Microchip Technology MCP79401 Datasheet HTML 24Page - Microchip Technology MCP79401 Datasheet HTML 25Page - Microchip Technology MCP79401 Datasheet HTML 26Page - Microchip Technology MCP79401 Datasheet HTML 27Page - Microchip Technology MCP79401 Datasheet HTML 28Page - Microchip Technology MCP79401 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 25
MCP79400/MCP79401/MCP79402
5.5
Output Configurations
The MCP7940X features Square Wave Clock Output,
Alarm Interrupt Output, and General Purpose Output
modes. All of the output functions are multiplexed onto
MFP according to Table 5-7.
Only the alarm interrupt outputs are available while
operating from the backup power supply. If none of the
output functions are being used, the MFP can safely be
left floating.
TABLE 5-7:
MFP OUTPUT MODES
FIGURE 5-7:
MFP OUTPUT BLOCK DIAGRAM
Note:
The MFP is an open-drain output and
requires a pull-up resistor to VCC (typically
10 kΩ).
SQWEN ALM0EN ALM1EN
Mode
000
General Purpose
Output
010
Alarm Interrupt
Output
001
011
1xx
Square Wave Clock
Output
X2
X1
ST
Oscillator
EXTOSC
32.768 kHz
8.192 kHz
4.096 kHz
1 Hz
SQWFS<1:0>
11
10
01
00
Digital
Trim
1
0
64 Hz
CRSTRIM
MFP
0
1
SQWEN
0
1
0
1
ALM1IF
ALM0IF
ALMPOL
ALM1EN,ALM0EN
11
10
01
00
OUT
MCP7940X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com