Electronic Components Datasheet Search
  English  ▼

X  

MCP79401 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP79401
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79401 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP79401 Datasheet HTML 27Page - Microchip Technology MCP79401 Datasheet HTML 28Page - Microchip Technology MCP79401 Datasheet HTML 29Page - Microchip Technology MCP79401 Datasheet HTML 30Page - Microchip Technology MCP79401 Datasheet HTML 31Page - Microchip Technology MCP79401 Datasheet HTML 32Page - Microchip Technology MCP79401 Datasheet HTML 33Page - Microchip Technology MCP79401 Datasheet HTML 34Page - Microchip Technology MCP79401 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 31
MCP79400/MCP79401/MCP79402
5.6.2
COARSE TRIM MODE
When CRSTRIM = 1, Coarse Trim mode is enabled.
While in this mode, the MCP7940X will apply trimming
at a rate of 128 Hz. If SQWEN is set, the MFP will
output a trimmed 64 Hz nominal clock signal.
Because trimming is applied at a rate of 128 Hz rather
than
once
every
minute,
each
step
of
the
TRIMVAL<6:0> value has a significantly larger effect
on the resulting time deviation and output clock
frequency.
By monitoring the MFP output frequency while in this
mode, the user can easily observe the TRIMVAL<6:0>
value affecting the clock timing.
TABLE 5-12:
SUMMARY OF REGISTERS ASSOCIATED WITH DIGITAL TRIMMING
Note 1:
The 64 Hz Coarse Trim mode square
wave output is not available while
operating from the backup power supply.
2:
With Coarse Trim mode enabled, the
TRIMVAL<6:0> value has a drastic effect
on timing. Leaving the mode enabled
during normal operation will likely result
in inaccurate time.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CONTROL
OUT
SQWEN
ALM1EN
ALM0EN
EXTOSC
CRSTRIM
SQWFS1
SQWFS0
26
OSCTRIM
SIGN
TRIMVAL6 TRIMVAL5 TRIMVAL4
TRIMVAL3
TRIMVAL2 TRIMVAL1 TRIMVAL0
29
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by digital trimming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com