Electronic Components Datasheet Search
  English  ▼

X  

MCP79401 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP79401
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79401 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP79401 Datasheet HTML 32Page - Microchip Technology MCP79401 Datasheet HTML 33Page - Microchip Technology MCP79401 Datasheet HTML 34Page - Microchip Technology MCP79401 Datasheet HTML 35Page - Microchip Technology MCP79401 Datasheet HTML 36Page - Microchip Technology MCP79401 Datasheet HTML 37Page - Microchip Technology MCP79401 Datasheet HTML 38Page - Microchip Technology MCP79401 Datasheet HTML 39Page - Microchip Technology MCP79401 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
MCP79400/MCP79401/MCP79402
DS20005009F-page 36
 2011-2016 Microchip Technology Inc.
6.1.3
SRAM/RTCC REGISTER CURRENT
ADDRESS READ
The MCP7940X contains an address counter that
maintains the address of the last byte accessed,
internally incremented by one. Therefore, if the
previous read access was to address n (n is any legal
address), the next current address read operation
would access data from address n + 1.
Upon receipt of the control byte with R/W bit set to ‘1’,
the MCP7940X issues an Acknowledge and transmits
the 8-bit data word. The master will not acknowledge
the transfer but it will generate a Stop condition and the
MCP7940X discontinues transmission (Figure 6-3).
FIGURE 6-3:
SRAM/RTCC CURRENT
ADDRESS READ
6.1.4
SRAM/RTCC REGISTER RANDOM
READ
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the address must be set.
This is done by sending the address to the MCP7940X
as part of a write operation (R/W bit set to ‘0’). After the
address is sent, the master generates a Start condition
following the Acknowledge. This terminates the write
operation, but not before the internal Address Pointer is
set. Then, the master issues the control byte again but
with the R/W bit set to a ‘1’. The MCP7940X will then
issue an Acknowledge and transmit the 8-bit data word.
The master will not acknowledge the transfer but
generate a Stop condition which causes the
MCP7940X to discontinue transmission (Figure 6-4).
After a random Read command, the internal address
counter will point to the address location following the
one that was just read.
6.1.5
SRAM/RTCC REGISTER
SEQUENTIAL READ
Sequential reads are initiated in the same way as a
random read except that after the MCP7940X transmits
the first data byte, the master issues an Acknowledge
as opposed to the Stop condition used in a random
read. This Acknowledge directs the MCP7940X to
transmit the next sequentially addressed 8-bit word
(Figure 6-5). Following the final byte transmitted to the
master, the master will NOT generate an Acknowledge
but a Stop condition. To provide sequential reads, the
MCP7940X contains an internal Address Pointer which
is incremented by one at the completion of each
operation. This Address Pointer allows the entire
memory block to be serially read during one operation.
Because the RTCC registers and SRAM are separate
blocks, reading past the end of each block will cause
the Address Pointer to roll over to the beginning of the
same block. Specifically, the Address Pointer will roll
over from 0x1F to 0x00, and from 0x5F to 0x20.
FIGURE 6-4:
SRAM/RTCC RANDOM READ
FIGURE 6-5:
SRAM/RTCC SEQUENTIAL READ
Note:
The Address Pointer is shared between
the SRAM/RTCC registers and the
protected EEPROM.
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
CONTROL
BYTE
S
T
A
R
T
DATA
A
C
K
N
O
A
C
K
10
11
1
BYTE
11 1
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
A
C
K
N
O
A
C
K
A
C
K
A
C
K
S
T
O
P
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
CONTROL
BYTE
DATA
BYTE
S
T
A
R
T
S 1101
0
111
S 11 01
1
P
11 1
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
DATA n
DATA n + 1
DATA n + 2
DATA n + X
N
O
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com