Electronic Components Datasheet Search
  English  ▼

X  

237113 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 237113
Description  Pneumatic Tools
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

237113 Datasheet(HTML) 5 Page - Tyco Electronics

  237113 Datasheet HTML 1Page - Tyco Electronics 237113 Datasheet HTML 2Page - Tyco Electronics 237113 Datasheet HTML 3Page - Tyco Electronics 237113 Datasheet HTML 4Page - Tyco Electronics 237113 Datasheet HTML 5Page - Tyco Electronics 237113 Datasheet HTML 6Page - Tyco Electronics 237113 Datasheet HTML 7Page - Tyco Electronics 237113 Datasheet HTML 8Page - Tyco Electronics 237113 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
409-2426
Pneumatic Tools 68068 and 68068-1
Rev A
5 of 17
Tyco Electronics Corporation
Lubricator
Regulator
Airflow
To Tool
Filter and
Moisture Separator
DRAIN REGULARLY
CHECK AIR PRESSURE REGULARLY
(552 kPa [80 psi] Min-689 kPa [100 psi] Max)
CHECK OIL LEVEL REGULARLY
(Adjust to Very Fine Mist
Approximately 1 Drop per 15-20 Cycles)
D
Minimizes clogging and excessive
wear
D
Minimizes rust and corrosion
D
Prevents water from washing away
lubricants
D
Prevents water emission from
exhaust ports
D
Promotes smooth, consistent performance
D
Protects hoses and components from
damage
D
Eliminates sluggish or sticking valves and
pistons
D
Provides protective film for highly
polished or close tolerance surfaces
D
Provides seal in close tolerance areas
D
Extends life of pistons, cylinders, and
valves
SUGGESTED MANUFACTURERS
Filter and Moisture Separator, Regulator, Lubricator
Lubricator Oil
(Only Use Good Quality, Non-Synthetic Air Lubricant)
C.A. Norgen Co., Littleton, CO
Chicago Pneumatic ToolCo., New York, NY
(C.P. Airoilene SAE 10)
Chicago Pneumatic ToolCo., New York, NY
Figure 3
Airoilene is a trademark of Chicago Pneumatic Tool Co.
2. DESCRIPTION
2.1. Physical Description
The tool consists of a housing, handle, and air hose that connects to an air supply. The housing contains the
cylinder, piston, and cam. The front of the housing accepts an interchangeable jaw assembly that is secured to
the housing by two pivot pins. The back of the housing features an identification plate. The handle has a
control button that actuates the tool. Refer to Figure 4.
2.2. Functional Description
To avoid personal injury, ALWAYS DISCONNECT the tool from the air supply when changing the jaw assembly.
Always keep fingers clear of jaws during the crimping operation.
When the tool is connected to the air supply, air pressure on the return side of the cylinder maintains the piston
and cam in a neutral position and allows the spring–loaded jaws to remain open. Refer to Figure 4, Detail A.
The operator can now position the wire–loaded terminal or splice in the jaws.
When the control button is depressed, full air line pressure is directed into the power side of the cylinder,
closing the jaws to the crimp position. Refer to Figure 4, Detail B.
Releasing the control button allows full air line pressure to enter the return side of the cylinder, returning the
piston and cam to neutral position. The spring–loaded jaws will open and the tool is ready for the next crimping
operation.
DANGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com