Electronic Components Datasheet Search
  English  ▼

X  

PC365N Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC365N
Description  Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC365N Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC365N Datasheet HTML 3Page - Sharp Corporation PC365N Datasheet HTML 4Page - Sharp Corporation PC365N Datasheet HTML 5Page - Sharp Corporation PC365N Datasheet HTML 6Page - Sharp Corporation PC365N Datasheet HTML 7Page - Sharp Corporation PC365N Datasheet HTML 8Page - Sharp Corporation PC365N Datasheet HTML 9Page - Sharp Corporation PC365N Datasheet HTML 10Page - Sharp Corporation PC365N Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Sheet No.: D2-A01001EN
100
120
0
40
60
80
20
140
Ambient temperature Ta (˚C)
010 2030405060708090 100
−30−20−10
IF
=0.5mA
VCE
=2V
Fig.10 Collector Current vs. Collector-emitter
Voltage (2)
Fig.8 Collector Current vs. Forward Current
0
0.2
−30
0
−10
−20
20
10
50
40
30
70
60
80 90 100
0.4
0.6
0.8
1
1.2
Ambient temperature Ta (˚C)
IF
=1mA
IC
=2mA
Fig.11 Relative Current Transfer Ratio vs.
Ambient Temperature
7
0
0
0.5
10
100
1
1.5
2
Collector-emitter voltage VCE (V)
IF
=3.0mA
IF
=2.0mA
IF
=1.0mA
IF
=0.7mA
IF
=0.5mA
Ta
=25˚C
PC(MAX)
Fig.9 Collector Current vs. Collector-emitter
Voltage (1)
0
0.1
4 000
110
3 000
2 000
1 000
500
1 500
2 500
3 500
Forward current IF (mA)
VCE
=2V
Ta
=25˚C
Fig.7 Current Transfer Ratio vs. Forward
Current
0.1
0.1
1
10
1
10
100
Forward current IF (mA)
VCE
=2V
Ta
=25˚C
PC365N Series
Fig.12 Collector - emitter Saturation Voltage
vs. Ambient Temperature
0
01
60
40
20
120
100
80
2345
Collector-emitter voltage VCE (V)
Ta
=25˚C
PC(MAX)
IF
=7.0mA
IF
=5.0mA
IF
=3.0mA
IF
=2.0mA
IF
=1.0mA
IF
=0.7mA
IF
=0.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com