Electronic Components Datasheet Search
  English  ▼

X  

PC365N Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC365N
Description  Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC365N Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC365N Datasheet HTML 4Page - Sharp Corporation PC365N Datasheet HTML 5Page - Sharp Corporation PC365N Datasheet HTML 6Page - Sharp Corporation PC365N Datasheet HTML 7Page - Sharp Corporation PC365N Datasheet HTML 8Page - Sharp Corporation PC365N Datasheet HTML 9Page - Sharp Corporation PC365N Datasheet HTML 10Page - Sharp Corporation PC365N Datasheet HTML 11Page - Sharp Corporation PC365N Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Sheet No.: D2-A01001EN
8
0.01
0.1
1
1 000
10
1
100
10
ts
td
tf
tr
Load resistance RL (k
Ω)
VCE
=2V
IC
=10mA
Ta
=25˚C
Fig.13 Collector Dark Current vs. Ambient
Temperature
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
PC365N Series
Fig.14 Response Time vs. Load Resistance
10%
90%
Output
Input
Input
Output
RL
VCC
RD
ts
td
tr
tf
Please refer to the conditions in Fig.14
VCE
Fig.15 Test Circuit for Response Time
10 20 30 40
−20−10 0
50 60 70 80 90 100
Ambient temperature Ta (˚C)
−30
10−
10
10−
9
10−
8
10−
7
10−
6
10−
5
10−
4
VCE
=10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com