Electronic Components Datasheet Search
  English  ▼

X  

PC365N Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC365N
Description  Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC365N Datasheet(HTML) 1 Page - Sharp Corporation

  PC365N Datasheet HTML 1Page - Sharp Corporation PC365N Datasheet HTML 2Page - Sharp Corporation PC365N Datasheet HTML 3Page - Sharp Corporation PC365N Datasheet HTML 4Page - Sharp Corporation PC365N Datasheet HTML 5Page - Sharp Corporation PC365N Datasheet HTML 6Page - Sharp Corporation PC365N Datasheet HTML 7Page - Sharp Corporation PC365N Datasheet HTML 8Page - Sharp Corporation PC365N Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PC365N Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC365)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. Programmable controllers
2. Facsimiles
3. Telephones
■ Applications
Mini-flat Package,
Darlington Phototransistor Output,
Low Input Current Photocoupler
1. 4-pin Mini-flat package
2. Double transfer mold package (Ideal for Flow
Soldering)
3. Low input current type (IF
=0.5mA)
4. Darlington phototransistor output (CTR : MIN. 600%
at IF
=0.5mA, VCE=2V)
5. High isolation voltage between input and output
(Viso(rms) : 3.75kV)
■ Description
PC365N contains an IRED optically coupled to a
phototransistor.
It is packaged in a 4-pin Mini-flat.
Low input current type.
Input-output isolation voltage(rms) is 3.75kV.
CTR is MIN. 600% at input current of 0.5mA.
1
Sheet No.: D2-A01001EN
Date Sep. 30. 2003
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC365N Series


Similar Part No. - PC365N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC365NJ0000F SHARP-PC365NJ0000F Datasheet
233Kb / 14P
Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
More results

Similar Description - PC365N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355NJ0000F SHARP-PC355NJ0000F Datasheet
230Kb / 14P
Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC365NJ0000F SHARP-PC365NJ0000F Datasheet
233Kb / 14P
Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
logo
Vishay Siliconix
VOM618A VISHAY-VOM618A Datasheet
166Kb / 8P
Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
10-Dec-12
logo
Sharp Corporation
PC3H510NIP0F SHARP-PC3H510NIP0F Datasheet
187Kb / 12P
Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC3H5J00000F SHARP-PC3H5J00000F Datasheet
185Kb / 12P
Mini-flat Half Pitch Package, Darlington Phototransistor Output Photocoupler
PC355N SHARP-PC355N Datasheet
226Kb / 14P
Mini-flat Package, Darlington Phototransistor Output Photocoupler
logo
Vishay Siliconix
VOM618A VISHAY-VOM618A_13 Datasheet
171Kb / 8P
Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
21-Oct-13
VOM617A VISHAY-VOM617A_V01 Datasheet
215Kb / 9P
Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
24-Sep-2020
VOM618A VISHAY-VOM618A_V01 Datasheet
167Kb / 8P
Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
10-Dec-12
VOM617A VISHAY-VOM617A_V02 Datasheet
216Kb / 9P
Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
24-Sep-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com