Electronic Components Datasheet Search
  English  ▼

X  

DN1102W Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # DN1102W
Description  Surface Mount IRED/Inner Lens Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DN1102W Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button DN1102W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.1
1.0
10.0
100.0
1
10
100
1000
Page 6
2010.03.30
DN1102W
Technical Data
Forward Current vs. Relative Total Power
Condition : - - Pulse, tw≦100μs,
Duty≦1/100, Ta = 25℃
Forward Current : I
F (mA)
Ambient Temperature vs. Peak Wavelength
Condition : I
F = 50mA
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Relative Total Power
Condition : I
F = 50mA
Ambient Temperature : Ta (℃)
Surface Mount IRED/Inner Lens Type



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com