Electronic Components Datasheet Search
  English  ▼

X  

DN1102W Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # DN1102W
Description  Surface Mount IRED/Inner Lens Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DN1102W Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button DN1102W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DN1102W
Page 9
Surface Mount IRED/Inner Lens Type
Reliability Testing Result
Failure Criteria
Reliability Testing
Result
Applicable Standard
Duration
Failure
Room Temp.
Operating Life
EIAJ ED-
4701/100(101)
1,000 h
0/25
Resistance to
Soldering Heat
EIAJ ED-
4701/300(301)
Twice
0/25
Temperature Cycling
EIAJ ED-
4701/100(105)
5 cycles
0/25
Wet High Temp.
Storage Life
EIAJ ED-
4701/100(103)
1,000 h
0/25
High Temp.
Storage Life
EIAJ ED-
4701/200(201)
1,000 h
0/25
Low Temp.
Storage Life
EIAJ ED-
4701/200(202)
1,000 h
0/25
Vibration,
Variable Frequency
EIAJ ED-
4701/400(403)
2 h
0/10
98.1m/s
2 (10G), 100 ~ 2KHz sweep for 20min.,
XYZ each direction
Testing Conditions
Ta = 25℃, IF = Maxium Rated Current
Minimum Rated Storage Temperature(30min)
~Normal Temperature(15min)
~Maximum Rated Storage Temperature(30min)
~Normal Temperature(15min)
Ta = 60±2℃, RH = 90±5%
(Pretreatment) Individual standard
(Reflow Soldering) Pre-heating
150℃~180℃ 120s
Operating Heating
230℃ Min.
Peak temperature 260℃
Ta = Maximum Rated Storage Temperature
Ta = Minimum Rated Storage Temperature
Items
Symbols
Conditions
Failure criteria
Radiant Intensity
IE
IF Value of each product
Radiant Intensity
Testing Min. Value < Initial Value x 0.5
Forward Voltage
VF
IF Value of each product
Forward Voltage
Testing Max. Value > Spec. Max. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. Max. Value x 2.5
2007.8.31
2010.12.30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com