Electronic Components Datasheet Search
  English  ▼

X  

DN1102W Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # DN1102W
Description  Surface Mount IRED/Inner Lens Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DN1102W Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  DN1102W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DN1102W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 2
2004.11.17
DN1102W
Surface Mount IRED/Inner Lens Type
Absolute Maximum Ratings
Item
Symbol
Unit
Power Dissipation
Pd
mW
Forward Current
IF
mA
Pulse Forward Current
※ 1
IFRM
mA
⊿IF
mA/℃
⊿IFRM
mA/℃
Reverse Voltage
VR
V
Operating Temperature
Topr
℃
Storage Temperature
Tstg
℃
※1 IFRM Measurement condition : Pulse Width≦100μs, Duty≦1/100
Electro-Optical Characteristics
Conditions
TYP.
1.45
MAX.
1.8
Reverse Current
VR=5V
IR
MAX.
100
μA
MIN.
0.8
TYP.
1.6
Total Output Power
IF=20mA
Po
TYP.
4
mW
Peak Wavelength
IF=20mA
λ
p
TYP.
850
nm
Spectral Half-width
IF=20mA
⊿λ
TYP.
40
nm
60(θx)
deg.
70(θy)
deg.
MIN.
-
TYP.
12
Response Time
IF=20mA
tr/tf
TYP.
30
ns
TYP.
Derating
(Ta=25℃ or higher)
Item
Symbol
Characteristics
0.67
4
5
-30~+85
-40~+100
Absolute Maximum Ratings
75
50
300
V
mW/sr
Unit
Forward Voltage
IF=20mA
VF
MHz
Cut-off Frequency
IF=20mADC±5mA,
-3db from 0.1MHz
Radiant Intensity
IF=20mA
IE
fc
Half Intensity Angle
IF=20mA
2θ1/2
(Ta=25℃)
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com