Electronic Components Datasheet Search
  English  ▼

X  

USB20H04 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB20H04
Description  4-PORT USB2.0 HUB CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB20H04 Datasheet HTML 10Page - SMSC Corporation USB20H04 Datasheet HTML 11Page - SMSC Corporation USB20H04 Datasheet HTML 12Page - SMSC Corporation USB20H04 Datasheet HTML 13Page - SMSC Corporation USB20H04 Datasheet HTML 14Page - SMSC Corporation USB20H04 Datasheet HTML 15Page - SMSC Corporation USB20H04 Datasheet HTML 16Page - SMSC Corporation USB20H04 Datasheet HTML 17Page - SMSC Corporation USB20H04 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
4-Port USB2.0 Hub Controller
Datasheet
Revision 1.63 (10-14-04)
Page 14
SMSC USB20H04
DATASHEET
Table 4.4 - Biasing and Clock Oscillator Signals
NAME
BUFFER
TYPE
ACTIVE
LEVEL
DESCRIPTION
RBIAS
I-R
N/A
External 1% bias resistor. Requires a 12K
Ω resistor to ground. Used for
setting HS transmit current level and on-chip termination impedance.
XTAL1/CLKIN
ICLKx
N/A
External crystal. 24MHz crystal or external clock input when a crystal is not
used.
Connect a 5M ohm resistor from this pin to XTAL2 when a crystal is used.
XTAL2
OCLKx
N/A
External crystal. 24MHz crystal. Not connected when using an external clock.
CLKIN_EN
I
High
Clock Input Enable. When high, an external CMOS clock drives XTAL1.
Table 4.5 - Power and Ground Signals
NAME
BUFFER
TYPE
ACTIVE
LEVEL
DESCRIPTION
VDD3.3
N/A
N/A
3.3V Digital Supply. Powers digital pads.
VDD1.8
N/A
N/A
1.8V Digital Supply. Powers digital core.
VSS
N/A
N/A
Signal Ground.
VDDA3.3
N/A
N/A
3.3V Analog Supply. Powers analog I/O and 3.3V analog circuitry.
VDDA1.8
N/A
N/A
1.8V Analog Supply. Powers 1.8V analog circuitry.
4.2
Buffer Type Descriptions
Table 4.6 – USB20H04 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input
IPU
Input with weak internal pull-up resistor.
IPD
Input with weak internal pull-down resistor
IS
Input with Schmitt trigger
IO8
Input/Output with 8mA drive
IOSD12
Open drain with 12mA sink with Schmitt
trigger. Meets I2C-Bus Spec Version 2.1
O8
Output with 8mA drive
OD8
Open drain with 8mA sink
ICLKx
XTAL clock input
OCLKx
XTAL clock output
IO-U
Defined in USB specification
AO
Analog Output
I-R
3.3V Tolerant Analog Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com