Electronic Components Datasheet Search
  English  ▼

X  

USB20H04 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB20H04
Description  4-PORT USB2.0 HUB CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB20H04 Datasheet HTML 21Page - SMSC Corporation USB20H04 Datasheet HTML 22Page - SMSC Corporation USB20H04 Datasheet HTML 23Page - SMSC Corporation USB20H04 Datasheet HTML 24Page - SMSC Corporation USB20H04 Datasheet HTML 25Page - SMSC Corporation USB20H04 Datasheet HTML 26Page - SMSC Corporation USB20H04 Datasheet HTML 27Page - SMSC Corporation USB20H04 Datasheet HTML 28Page - SMSC Corporation USB20H04 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
4-Port USB2.0 Controller
Datasheet
SMSC USB20H04
Page 25
Revision 1.63 (10-14-04)
DATASHEET
Detailed definition of the bits used to program the OEM values are given in Table 8.2 through Table 8.5.
Table 8.2 - Address 6; Config_Byte_3
BIT
FIELD NAME
DESCRIPTION
7
Self-/Bus-Power
Selects either self-powered or bus-powered operation:
0: Self-powered operation.
1: Bus-powered operation.
6
Port Indicators
Selects implementation of port indicators:
0: No port indicators.
1: Port indicators implemented.
5
High-Speed
Disable
Selects whether high-speed operation is disabled:
0: High-/Full-Speed operation.
1: Full-Speed only (High-Speed disabled).
4
Multiple TT Support
Selects whether multiple transaction translators are available:
0: Single TT for all ports.
1: Each port has one TT available (multiple TTs supported).
3
EOP Disable
Selects whether EOP generation of EOF1 is disabled when in
Full-Speed mode:
0: EOP generation at EOF1.
1: EOP generation at EOF1 disabled.
2
Current Sensing
Selects whether current sensing is ganged on all ports, or on an
individual port-by-port basis:
0: Individual port-by-port.
1: Ganged sensing.
1
Power Switching
Selects whether downstream port power switching is ganged on all
ports, or on an individual port-by-port basis:
0: Individual port-by-port.
1: Ganged switching.
0
Compound Device
Selects whether the hub is part of a compound device:
0: Not a compound device.
1: Yes, USB20H04 is part of a compound device.
Table 8.3 - Address 7; Config_Byte_2
The ports may be individually configured to be inactive. However, the order in which ports are set to
inactive is very specific. Port 4 must be the first port configured to be inactive, followed by port 3.
BIT
FIELD NAME
DESCRIPTION
7:4
Non-Removable
Device
Selects which ports include non-removable devices. A one
indicates that the port is non-removable:
Bit 7: Port 4 is non-removable.
Bit 6: Port 3 is non-removable.
Bit 5: Port 2 is non-removable.
Bit 4: Port 1 is non-removable.
All zeroes sets all ports removable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com